Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS5022P-474ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DS5022P-474ML
Description  SMT Power Inductors ??DS5022P Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DS5022P-474ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  DS5022P-474ML Datasheet HTML 1Page - Coilcraft lnc. DS5022P-474ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
1. When ordering, please specify termination and packaging codes:
DS5022P-105M
LD
Termination: L = RoHS compliant gold over nickel over phos bronze.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
Packaging:
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape (250 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance tested at 0.1 Vrms, 100 kHz, 0 Adc.
3. DC current at which the inductance drops 10% (typ) from its value
without current.
4. Current that causes a 40°C temperature rise from 25°C ambient.
5. Ambient temperature range: –40°C to +85°C with
Irms current
+85°C to +125°C with derated current
6. Storage temperature range: Component: –40°C to +125°C
Packaging: –40°C to +80°C
7. Resistance to soldering heat: Three reflows at >217°C for 90 seconds
(+260°C ±5°C for 20 – 40 seconds), allowing parts to cool to room
temperature between.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
SMTPowerInductors–DS5022PSeries
The DS5022 Series of magnetically shielded power
inductors is designed for the higher current require-
ments of portable computers, video recorders and other
DC-DC conversion applications.
They feature saturation current ratings as high as
18 Amps and rms current ratings up to 6.5 Amps. Low
DC resistance (as low as 0.040 Ohms) keeps power
losses to a minimum.
L
DCR
SRF
±20%2
max
typ
Isat3 Irms4
Part Number1
(µH)
(Ohms)
(MHz)
(A)
(A)
DS5022P-102ML_
1.0
0.016
130
18.0
6.5
DS5022P-222ML_
2.2
0.023
70
14.0
5.0
DS5022P-332ML_
3.3
0.026
60
12.5
4.7
DS5022P-472ML_
4.7
0.028
40
11.5
4.4
DS5022P-562ML_
5.6
0.030
33
10.8
4.1
DS5022P-103ML_
10
0.040
30
8.0
3.9
DS5022P-153ML_
15
0.048
20
7.0
3.4
DS5022P-223ML_
22
0.059
18
6.0
3.1
DS5022P-333ML_
33
0.075
14
5.0
2.8
DS5022P-473ML_
47
0.097
10
4.0
2.4
DS5022P-683ML_
68
0.138
9.0
3.0
2.0
DS5022P-104ML_
100
0.207
7.0
2.4
1.7
DS5022P-154ML_
150
0.293
6.0
2.1
1.3
DS5022P-224ML_
220
0.47
5.0
1.9
1.1
DS5022P-274ML_
270
0.64
4.5
1.4
0.95
DS5022P-334ML_
330
0.78
4.0
1.1
0.86
DS5022P-474ML_
470
1.08
3.0
1.1
0.73
DS5022P-684ML_
680
1.40
2.5
0.96
0.64
DS5022P-824ML_
820
1.70
2.2
0.88
0.58
DS5022P-105ML_
1000
2.01
2.0
0.80
0.53
Document 188-1
Document 188-1
Revised 01/12/11
For new designs, consider the MSS1278 as an alter-
native to this series. The MSS1278 series is more cost
effective, features a smaller footprint, lower DCR and
better current handling. We will continue to manufacture
and support the DS5022P indefinitely.


Similar Part No. - DS5022P-474ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS5022P-474ML COILCRAFT-DS5022P-474ML Datasheet
263Kb / 2P
   SMT Power Inductors
DS5022P-474ML COILCRAFT-DS5022P-474ML Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-474ML COILCRAFT-DS5022P-474ML Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-474ML COILCRAFT-DS5022P-474ML Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-474MLD COILCRAFT-DS5022P-474MLD Datasheet
119Kb / 2P
   SMT Power Inductors - DS5022P Series
More results

Similar Description - DS5022P-474ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-223 COILCRAFT-DS5022P-223 Datasheet
119Kb / 2P
   SMT Power Inductors - DS5022P Series
DS5022P-104MLD COILCRAFT-DS5022P-104MLD Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DAC7571IDBVTG4 COILCRAFT-DAC7571IDBVTG4 Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD54 COILCRAFT-SD54_15 Datasheet
454Kb / 2P
   SMT Power Inductors ??SD54 Series
SD43 COILCRAFT-SD43_15 Datasheet
392Kb / 2P
   SMT Power Inductors ??SD43 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com