Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10C-10JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF22V10C-10JI
Description  High Performance E2 PLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C-10JI Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF22V10C-10JI Datasheet HTML 1Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 2Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 3Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 4Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 5Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 6Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 7Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
IIL
Input or I/O Low
Leakage Current
0
≤ VIN
VIL(MAX)
-35
-10
µA
IIH
Input or I/O High
Leakage Current
3.5
≤ VIN ≤ VCC
10
µA
ICC
Power Supply Current,
Standby
VCC = MAX,
VIN = MAX,
Outputs Open
C-5, 7, 10
Com.
85
130
mA
C-10
Ind.
90
140
mA
ICC2
Clocked Power Supply
Current
VCC = MAX,
Outputs Open
C-5, 7, 10
Com.
1
mA/MHz
(2)
C-10
Ind.
1
mA/MHz
(2)
ICC3
Clocked Power Supply
Current
VCC = MAX,
Outputs Open,
f = 15 MHz
C-5, 7, 10
Com.
150
mA
C-10
Ind.
160
mA
IPD
Power Supply Current,
PD Mode
VCC = MAX
Com.
10
100
µA
VIN = 0, MAX
Ind.
10
100
µA
IOS
(1)
Output Short Circuit
Current
VOUT = 0.5V
-130
mA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
2.0
VCC+0.75
V
VOL
Output Low Voltage
VIN = VIH or VIL,
VCC = MIN
IOL = 16 mA
Com., Ind.
0.5
V
IOL = 12 mA
Mil.
0.5
V
VOH
Output High Voltage
VIN = VIH or VIL,
VCC = MIN
IOH = -4.0 mA
2.4
V
Notes: 1. Not more than one output at a time should be shorted.
Duration of short circuit test should not exceed 30 sec.
2. Low frequency only. See Supply Current versus Input Frequency curves.
ATF22V10C
3


Similar Part No. - ATF22V10C-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C-10JI ATMEL-ATF22V10C-10JI Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22V10C-10JI ATMEL-ATF22V10C-10JI Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10C-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
   High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com