Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC4FAAH0-0-B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NC4FAAH0-0-B
Description  N e u t r i k 짰 P a r t N u m b e r G u i d e
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC4FAAH0-0-B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NC4FAAH0-0-B Datasheet HTML 7Page - List of Unclassifed Manufacturers NC4FAAH0-0-B Datasheet HTML 8Page - List of Unclassifed Manufacturers NC4FAAH0-0-B Datasheet HTML 9Page - List of Unclassifed Manufacturers NC4FAAH0-0-B Datasheet HTML 10Page - List of Unclassifed Manufacturers NC4FAAH0-0-B Datasheet HTML 11Page - List of Unclassifed Manufacturers NC4FAAH0-0-B Datasheet HTML 12Page - List of Unclassifed Manufacturers NC4FAAH0-0-B Datasheet HTML 13Page - List of Unclassifed Manufacturers NC4FAAH0-0-B Datasheet HTML 14Page - List of Unclassifed Manufacturers NC4FAAH0-0-B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Quality
Thinking
XLR
Chassis
Connectors
16
B Series
Same as A Series with exception of a metal mounting
flange enabling continuous circumferential ground contact
to chassis for best EMC and RF protection
Fastening with B-screw
BA Series
More economical version of B Series with modified metal
flange
Fastening with A-screw
3, 4 and 5 pole version
NC3FBY
NC3MBH
NC3FBH1
NC3MBV
NC3FBAV
NC3MBAV
NC3FBAH
NC3MBAH
NC3FBV
NC3MBV
NC3FBAV2
NC3MBAH


Similar Part No. - NC4FAAH0-0-B

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC4FAH NEUTRIK-NC4FAH Datasheet
90Kb / 3P
   4 pole female XLR receptacle, grounding: separate ground contact to mating connector shell and front panel, horizontal PCB mount, color coding possible
NC4FAH-0 NEUTRIK-NC4FAH-0 Datasheet
91Kb / 3P
   4 pole female XLR receptacle, grounding: separate ground contact to mating connector shell and front panel, horizontal PCB mount, retention spring instead of latch, color coding possible
NC4FAV NEUTRIK-NC4FAV Datasheet
96Kb / 3P
   4 pole female XLR receptacle, grounding: separate ground contact to mating connector shell and front panel, vertical PCB mount, color coding possible
NC4FAV-0 NEUTRIK-NC4FAV-0 Datasheet
93Kb / 3P
   4 pole female XLR receptacle, grounding: separate ground contact to mating connector shell and front panel, vertical PCB mount, Retention spring instead of latch, color coding possible
More results

Similar Description - NC4FAAH0-0-B

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
logo
Powerbox
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
E-Tech Electronics LTD
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
logo
Linx Technologies
TXM-418 LINX-TXM-418 Datasheet
178Kb / 12P
   R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
2000
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com