Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO1813H-822ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO1813H-822ML
Description  SMT Power Inductors ??DO1813H Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO1813H-822ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO1813H-822ML Datasheet HTML 1Page - Coilcraft lnc. DO1813H-822ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors – DO1813H Series
Document 207-1
L
L typ
DCR
SRF
ref
±20%2
max
typ Isat3 Irms4
Part number1
(µH)
(µH) (Ohms) (MHz) (A)
(A)
DO1813H-181ML_
0.18
0.18
0.003
800 14.0
10.0
DO1813H-331ML_
0.33
0.33
0.004
600 10.0
7.0
DO1813H-561ML_
0.56
0.56
0.010
200
7.7
6.0
DO1813H-122ML_
1.2
1.15
0.017
140
5.3
4.4
DO1813H-222ML_
2.2
2.06
0.035
100
3.5
3.1
DO1813H-332ML_
3.3
3.20
0.040
80
3.0
2.7
DO1813H-472ML_
4.7
4.70
0.054
50
2.6
2.2
DO1813H-682ML_
6.8
6.80
0.080
45
2.2
1.8
DO1813H-822ML_
8.2
8.20
0.092
42
2.0
1.6
DO1813H-103ML_ 10.0
9.55
0.11
40
1.9
1.5
DO1813H-153ML_ 15.0
15.3
0.17
30
1.5
1.2
DO1813H-223ML_ 22.0
22.6
0.25
25
1.2
1.0
DO1813H-333ML_ 33.0
32.5
0.35
20
0.99
0.82
DO1813H-473ML_ 47.0
48.1
0.47
15
0.87
0.72
1. When ordering, please specify
termination and packaging codes:
DO1813H-473MLD
Termination: L = RoHS compliant tin-silver over copper.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape, 1000 parts per full reel.
B = Less than full reel. In tape, but not machine-ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
2. Inductance tested at 0.25 Vrms, 100 kHz, 0 Adc.
3. DC current at which the inductance drops 30% (typ) from its value
without current.
4. Current that causes a 40°C temperature rise from 25°C ambient.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C331 contains 3 of each part
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant tin-silver over copper. Other
terminations available at additional cost.
Weight 278– 315 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000 per 13
″ reel Plastic tape: 16 mm wide,
0.3 mm thick, 12 mm pocket spacing, 5.4 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• High-current power inductance; up to 14 A saturating current
• Rugged self-leaded construction for reliable soldering
Document 207-1 Revised 10/08/08


Similar Part No. - DO1813H-822ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1813H-822ML COILCRAFT-DO1813H-822ML Datasheet
230Kb / 2P
   SMT Power Inductors
DO1813H-822ML COILCRAFT-DO1813H-822ML Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-822ML COILCRAFT-DO1813H-822ML Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-822ML COILCRAFT-DO1813H-822ML Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-822ML COILCRAFT-DO1813H-822ML Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
More results

Similar Description - DO1813H-822ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1813H-153MLD COILCRAFT-DO1813H-153MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-153MLD COILCRAFT-DO1813H-153MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H COILCRAFT-DO1813H_15 Datasheet
495Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-153MLD COILCRAFT-DO1813H-153MLD Datasheet
380Kb / 2P
   SMT Power Inductors ??DO1813H Series
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com