Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8CZ-15XI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF16V8CZ-15XI
Description  High Performance E2 PLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8CZ-15XI Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF16V8CZ-15XI Datasheet HTML 1Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 2Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 3Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 4Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 5Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 6Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 7Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 8Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AC Characteristics
Symbol
Parameter
-12
-15
Min
Max
Min
Max
Units
tPD
Input or Feedback to Non-Registered Output
3
12
3
15
ns
tCF
Clock to Feedback
6
8
ns
tCO
Clock to Output
2
8
2
10
ns
tS
Input or Feedback Setup Time
10
12
ns
tH
Input Hold Time
0
0
ns
tP
Clock Period
12
16
ns
tW
Clock Width
6
8
ns
FMAX
External Feedback 1/(tS+ tCO)55
45
MHz
Internal Feedback 1/(tS + tCF)62
50
MHz
No Feedback 1/(tP)83
62
MHz
tEA
Input to Output Enable —
Product Term
3123
15
ns
tER
Input to Output Disable —
Product Term
2152
15
ns
tPZX
OE pin to Output Enable
2
12
2
15
ns
tPXZ
OE pin to Output Disable
1.5
12
1.5
15
ns
4
ATF16V8CZ


Similar Part No. - ATF16V8CZ-15XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8CZ-15XI ATMEL-ATF16V8CZ-15XI Datasheet
595Kb / 26P
   Highperformance EE PLD
More results

Similar Description - ATF16V8CZ-15XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com