Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA163 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATMEGA163
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA163 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATMEGA163 Datasheet HTML 21Page - ATMEL Corporation ATMEGA163 Datasheet HTML 22Page - ATMEL Corporation ATMEGA163 Datasheet HTML 23Page - ATMEL Corporation ATMEGA163 Datasheet HTML 24Page - ATMEL Corporation ATMEGA163 Datasheet HTML 25Page - ATMEL Corporation ATMEGA163 Datasheet HTML 26Page - ATMEL Corporation ATMEGA163 Datasheet HTML 27Page - ATMEL Corporation ATMEGA163 Datasheet HTML 28Page - ATMEL Corporation ATMEGA163 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 187 page
background image
25
ATmega163(L)
1142E–AVR–02/03
Notes:
1. On power-up, the start-up time is increased with typ. 0.6 ms.
2. “1” means unprogrammed, “0” means programmed.
3. For possible clock selections, see “Clock Options” on page 5.
4. When BODEN is programmed, add 100 µs.
5. When BODEN is programmed, add 25 µs.
6. Default value.
Table 5 shows the Start-up Times from Reset. When the CPU wakes up from Power-
down or Power-save, only the clock counting part of the start-up time is used. The
Watchdog Oscillator is used for timing the real time part of the start-up time. The number
of WDT Oscillator cycles used for each time-out is shown in Table 6.
The frequency of the Watchdog Oscillator is voltage dependent as shown in the Electri-
cal Characteristics section. The device is shipped with CKSEL = “0010” (Int. RC
Oscillator, slowly rising power).
Table 5. Reset Delay Selections
(1)
CKSEL
(2)
Start-up Time,
VCC = 2.7V,
BODLEVEL
Unprogrammed
Start-up Time,
VCC = 4.0V,
BODLEVEL
Programmed
Recommended Usage
(3)
0000
4.2 ms + 6 CK
5.8 ms + 6 CK
Ext. Clock, fast rising power
0001
30 µs + 6 CK
(4)
10 µs + 6 CK
(5)
Ext. Clock, BOD enabled
0010
(6)
67 ms + 6 CK
92 ms + 6 CK
Int. RC Oscillator, slowly rising power
0011
4.2 ms + 6 CK
5.8 ms + 6 CK
Int. RC Oscillator, fast rising power
0100
30 µs + 6 CK
(4)
10 µs + 6 CK
(5)
Int. RC Oscillator, BOD enabled
0101
67 ms + 6 CK
92 ms + 6 CK
Ext. RC Oscillator, slowly rising power
0110
4.2 ms + 6 CK
5.8 ms + 6 CK
Ext. RC Oscillator, fast rising power
0111
30 µs + 6 CK
(4)
10 µs + 6 CK
(5)
Ext. RC Oscillator, BOD enabled
1000
67ms + 32K CK
92 ms + 32K CK
Ext. Low-frequency Crystal
1001
67 ms + 1K CK
92 ms + 1K CK
Ext. Low-frequency Crystal
1010
67 ms + 16K CK
92 ms + 16K CK
Crystal Oscillator, slowly rising power
1011
4.2 ms + 16K CK
5.8 ms + 16K CK
Crystal Oscillator, fast rising power
1100
30 µs + 16K CK
(4)
10 µs + 16K CK
(5)
Crystal Oscillator, BOD enabled
1101
67 ms + 1K CK
92 ms + 1K CK
Ceramic Resonator/Ext. Clock, slowly
rising power
1110
4.2 ms + 1K CK
5.8 ms + 1K CK
Ceramic Resonator, fast rising power
1111
30 µs + 1K CK
(4)
10 µs + 1K CK
(5)
Ceramic Resonator, BOD enabled


Similar Part No. - ATMEGA163

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega163 ATMEL-ATmega163 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
ATMEGA163 ATMEL-ATMEGA163_14 Datasheet
2Mb / 187P
   Nonvolatile Program and Data Memories
More results

Similar Description - ATMEGA163

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com