Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1008HP120P25 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # R1008HP120P25
Description  Venture Lighting
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1008HP120P25 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  R1008HP120P25 Datasheet HTML 1Page - List of Unclassifed Manufacturers R1008HP120P25 Datasheet HTML 2Page - List of Unclassifed Manufacturers R1008HP120P25 Datasheet HTML 3Page - List of Unclassifed Manufacturers R1008HP120P25 Datasheet HTML 4Page - List of Unclassifed Manufacturers R1008HP120P25 Datasheet HTML 5Page - List of Unclassifed Manufacturers R1008HP120P25 Datasheet HTML 6Page - List of Unclassifed Manufacturers R1008HP120P25 Datasheet HTML 7Page - List of Unclassifed Manufacturers R1008HP120P25 Datasheet HTML 8Page - List of Unclassifed Manufacturers R1008HP120P25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
LIGHTING
VENTURE
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
Simply a Better Metal Halide Lamp
Quality
Exclusive formed body arc tube for consistency beyond ceramic metal halide
Patented stronger weldless mount construction to minimise delivery and
handling breakages
'Tipless' arc tube improves performance for maximum colour and light
output uniformity
Performance
Longer lamp life
Enhanced lumen maintenance
Excellent system colour uniformity
Hotrestartinlessthanhalfthetimeofstandardpinchbodymetalhalidesystems
50% faster warm-up
Safety
Shrouded 'open-rated' lamps to provide protection for luminaires without lenses
UV Shield - blocks up to 80% UV, 50% more than most UV-reducing lamps
Reduces UV damage to merchandise and signage
AdditionalGlassGuardcoatingavailableforadditionalprotectionagainstbreakage
Selection
Venture's Uni-Form pulse start series of lamps has the greatest selection
of lumen packages: 50W to 450W
Most comprehensive range of open-rated products available in the industry
Exclusive tipless
arc tube - totally
uniform shape
further improves
performance for
maximum colour
and light output
uniformity
Unique formed
body arc tube -
shaped to follow
the curve of the
arc stream to
deliver superior
lamp efficacy
Safety shroud with
UV Shield
® -
blocks up to 80%
UV, 50% more than
most UV-reducing
lamps to prevent
Polycarbonate
fixtures from
yellowing
Patented stronger
weldless mount
construction -
no welds mean
less breakage
during shipping
and handling
.032
.024
.016
.008
0
-.008
-.016
-.024
-.032
-.032
-.024
-.016
-.008
0
.008
.016
.024
.032
CCY
CCX
Color Uniformity - MacAdam Ellipses
Standard MH
10-step ellipse
Ceramic MH
6-step ellipse
Uni-Form MH
4-step ellipse
5314 Pgs 2-9:5314 Venture Catalogue Pgs 2-9 12/03/2010 14:15 Page 5


Similar Part No. - R1008HP120P25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R100 ETC2-R100 Datasheet
115Kb / 3P
   TO-220 and TO-247 Style Power Resistor
logo
Amphenol Corporation
R100 AMPHENOL-R100 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
C&K Components
R100 CK-COMPONENTS-R100 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R100-05-RN-01-B ITT-R100-05-RN-01-B Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R100-05-RN-01-B-E ITT-R100-05-RN-01-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
More results

Similar Description - R1008HP120P25

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1507 3M-1507 Datasheet
271Kb / 2P
   Venture Tape??Line Set Tape & Venture Tape??Reflective
1506R 3M-1506R Datasheet
141Kb / 2P
   Venture Tape??Polyethylene Tape
1502 3M-1502 Datasheet
176Kb / 2P
   Venture Tape??Metallized Cloth Duct
1537CW 3M-1537CW Datasheet
248Kb / 2P
   Venture Tape??Facing Tape
1501 3M-1501 Datasheet
173Kb / 2P
   Venture Tape??Cloth Duct Tape
1520CW 3M-1520CW Datasheet
252Kb / 2P
   Venture Tape??Aluminum Foil Tape
1525CW 3M-1525CW Datasheet
207Kb / 2P
   Venture Tape??FSK Facing Tape
logo
Gennum Corporation
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
logo
3M Electronics
3520CW 3M-3520CW Datasheet
236Kb / 2P
   Venture Tape??Aluminum Foil Tape
1500 3M-1500 Datasheet
175Kb / 2P
   Venture Tape??Cloth Duct Tape
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com