Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1008HP100P25M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R1008HP100P25M
Description  Venture Lighting
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1008HP100P25M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R1008HP100P25M Datasheet HTML 1Page - List of Unclassifed Manufacturers R1008HP100P25M Datasheet HTML 2Page - List of Unclassifed Manufacturers R1008HP100P25M Datasheet HTML 3Page - List of Unclassifed Manufacturers R1008HP100P25M Datasheet HTML 4Page - List of Unclassifed Manufacturers R1008HP100P25M Datasheet HTML 5Page - List of Unclassifed Manufacturers R1008HP100P25M Datasheet HTML 6Page - List of Unclassifed Manufacturers R1008HP100P25M Datasheet HTML 7Page - List of Unclassifed Manufacturers R1008HP100P25M Datasheet HTML 8Page - List of Unclassifed Manufacturers R1008HP100P25M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
LIGHTING
VENTURE
55
Arc Tube: A completely sealed quartz or
ceramic tube where the electrical discharge
(arc) occurs and generates light
Auxiliary Light: Back-up light source to the
HID light; typically a quartz halogen type
Ballast: A device that, by means of resistance,
inductance, capacitance or electronic elements,
singly or in combination, controls the current,
voltage and waveform to the required values
for proper lamp starting and operation for a
HID ballast operating at a given supply voltage
Ballast Characteristic Curve: The curve of
lamp wattage vs. lamp voltage over a range of
normal lamp voltages, when a HID ballast
operates at a given supply voltage
Ballast Factor: Typically associated with
fluorescent systems; metal halide ballasts are
designed to operate lamps at rated watts,
whereas some fluorescent systems are designed
to operate at a fraction of rated watts
Burning Position: The position in which
lamps are designed to operate
Cold Start Time: The amount of time from
the application of ballast voltage to ignition
of the arc discharge
Colour Rendering Index (Ra):
A measure of a light source’s ability to render
colours relative to a standard
Constant Wattage Autotransformer (CWA)
Control Gear: An autotransformer lead
ballast circuit incorporating a capacitor in
series with the lamp; compared to other
ballasts, the CWA regulates over a wider input
voltage range, holding lamp wattage to a nar-
row range by controlling lamp current
Correlated Colour Temperature (CCT):
The perceived “colour” of the light emitted
by a lamp expressed in Kelvin (K units)
Current Crest Factor: The ratio of the peak to
the rms value of lamp current; metal halide
values range from 1.5 to 1.8
Economic Life: The number of hours
a group of lamps will burn before it is
economically and aesthetically advisable
to group relamp (typically 60% to 75%
of rated life)
Efficacy (Lamp): A ratio of lumens to watts;
often calculated with either lamp watts
or system watts; measured in lumens
per watt (LPW)
Formed Body Arc Tube: Precisely
reproducible ellipsoidal arc tube formed
by Venture’s quartz sculpting process; has
2/3 less quartz mass than standard arc
tubes for equivalent lumens; has no starter
electrode
HID: High Intensity Discharge lamps; includes
metal halide, mercury vapor and high
pressure sodium
Hot Restart or Restrike Time: The amount of
time from return of power after an interruption
to the point of lamp ignition
Ignitor: An electronic device which provides,
by itself or in combination with other circuit
components, the appropriate electrical
conditions to start a discharge lamp
Ignitor CWA Control Gear: CWA control gear
using an ignitor to start the lamp
Initial Lumens: The light output of a lamp,
based on photometry results, at rated
wattage after 100 hours of operation
Input Voltage at Lamp Dropout
(Extinction Voltage): The rms value of supply
voltage at which a reference lamp extinguishes
when the supply voltage is uniformly reduced
from rated value at 2% to 3% of rated voltage
per second
Input Watts: The power measured on the
input terminals of a ballast which is operat-
ing a reference lamp
Lag Ballast: A ballast exhibiting primarily
inductive electrical characteristics, including
a lagging lamp current with respect to line voltage
and lagging or corrected line power factor.
Lamp Voltage: The voltage at which lamps
operate when they are fully warmed up
Lamp Wattage: The power consumed by a
lamp after warm-up
Light Center Length (LCL): The distance
from the center of the arc discharge to
the end contact of the base
Lumens: A measurement of light output; takes
into account the human eye sensitivity curve
so that more weight is given to the
yellow-green part of the light spectrum
Lumen Maintenance: The lumen output
provided by a lamp at a given point in or
percentage of its life
Lumens Per Watt (LPW): A ratio of lumens to
watts; often calculated with either lamp watts
or system watts; measured in lumens per
watt (LPW)
Luminaire Requirements: The type of
luminaire a lamp requires; i.e., enclosed or
open rated
Maximum Overall Length (MOL):
The maximum allowable distance from
the top of the glass bulb to the end
contact of the base
Normal (Low) Power Factor Ballast: A ballast
of the multiple-supply type that does not have a
means for correcting the input power factor
Occupancy Sensor: Control device that dims or
turns lights off after the space becomes
unoccupied; may be ultrasonic or infrared-actuated
Open Circuit Current (Line): The RMS current
measured through the input terminals of a
ballast with lamp removed or inoperative
Open Circuit Voltage, Ballast (OCV): The
voltage across the output terminals of a ballast
when no load is connected (RMS, unless
otherwise stated)
Open Rated Lamp (E27): Designed for open
luminaires; has a narrower neck than standard
E27 base lamps. Lamp arc tube is surrounded
by a protective quartz shroud.
Open Rated Lamp (E40): Designed
for open luminaires. Lamp arc tube is
surrounded by a protective quartz shroud.
Operating Current (Line): The power
factor corrected current measured through the
input terminals of a ballast which is operating
a reference lamp
Operating Voltage: The voltage at which lamps
operate when they are fully warmed up
Peak Lead Ballast: A ballast that produces a
highly peaked open circuit voltage wave shape
and has a capacitor in series with the lamp
Position Oriented Mogul Base (POMB, EP39,
EP40): Used with horizontal burning lamps;
has an aligning pin embedded in the base for
proper lamp orientation when it is screwed
into its socket; should only be used in yellow
Glossary cont.
Warranty
LIGHTING
VENTURE
2
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
Who is Venture? -
An Innovator
and Worldwide Manufacturer
Venture Lighting, the fastest growing metal halide lighting company in the world, is
the only one concentrated on this technology. Since 1983, we’ve created a constant
stream of new systems for our customers. Our range of optimized lamps and control
gear, including the revolutionary Uni-Form® pulse start system, has grown to
encompass lamp wattages 35 to 2,000. This unique focus offers you peak
performance lighting solutions.
Our North American headquarters includes a state-of-the-art development and new
products manufacturing center to support our leadership in originating new systems.
The company is part of Advanced Lighting Technologies Inc. (ADLT) Our sister
companies feature complementary capabilities: APL Engineered Materials (APL) is a
strategic supplier of halides, amalgams and other components to the lighting
industry. Deposition Sciences, Inc. (DSI) is a leader in sophisticated thin film coatings
and deposition systems to the lighting industry.
Global Perspective
Venture maintains a worldwide network of low cost, lean manufacturing facilities.
Quality is sustained through control systems constructed to meet ISO 9001
standards. Along with our premier lamp facility in North America. Our Indian facility,
the largest metal halide plant in the Pacific Rim, produces both lamps and
control gear.
5314 Inner cover 2 and 55:Inner Cover 2 and 55 12/03/2010 16:03 Page 2


Similar Part No. - R1008HP100P25M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R100 ETC2-R100 Datasheet
115Kb / 3P
   TO-220 and TO-247 Style Power Resistor
logo
Amphenol Corporation
R100 AMPHENOL-R100 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
C&K Components
R100 CK-COMPONENTS-R100 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R100-05-RN-01-B ITT-R100-05-RN-01-B Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R100-05-RN-01-B-E ITT-R100-05-RN-01-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
More results

Similar Description - R1008HP100P25M

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1507 3M-1507 Datasheet
271Kb / 2P
   Venture Tape??Line Set Tape & Venture Tape??Reflective
1506R 3M-1506R Datasheet
141Kb / 2P
   Venture Tape??Polyethylene Tape
1502 3M-1502 Datasheet
176Kb / 2P
   Venture Tape??Metallized Cloth Duct
1537CW 3M-1537CW Datasheet
248Kb / 2P
   Venture Tape??Facing Tape
1501 3M-1501 Datasheet
173Kb / 2P
   Venture Tape??Cloth Duct Tape
1520CW 3M-1520CW Datasheet
252Kb / 2P
   Venture Tape??Aluminum Foil Tape
1525CW 3M-1525CW Datasheet
207Kb / 2P
   Venture Tape??FSK Facing Tape
logo
Gennum Corporation
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
logo
3M Electronics
3520CW 3M-3520CW Datasheet
236Kb / 2P
   Venture Tape??Aluminum Foil Tape
1500 3M-1500 Datasheet
175Kb / 2P
   Venture Tape??Cloth Duct Tape
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com