Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24F16KA102T-EP-ES Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24F16KA102T-EP-ES
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
Download  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102T-EP-ES Datasheet(HTML) 3 Page - Microchip Technology

  PIC24F16KA102T-EP-ES Datasheet HTML 1Page - Microchip Technology PIC24F16KA102T-EP-ES Datasheet HTML 2Page - Microchip Technology PIC24F16KA102T-EP-ES Datasheet HTML 3Page - Microchip Technology PIC24F16KA102T-EP-ES Datasheet HTML 4Page - Microchip Technology PIC24F16KA102T-EP-ES Datasheet HTML 5Page - Microchip Technology PIC24F16KA102T-EP-ES Datasheet HTML 6Page - Microchip Technology PIC24F16KA102T-EP-ES Datasheet HTML 7Page - Microchip Technology PIC24F16KA102T-EP-ES Datasheet HTML 8Page - Microchip Technology PIC24F16KA102T-EP-ES Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 278 page
background image
 2008-2011 Microchip Technology Inc.
DS39927C-page 3
PIC24F16KA102 FAMILY
Power Management Modes:
• Run – CPU, Flash, SRAM and Peripherals On
• Doze – CPU Clock Runs Slower than Peripherals
• Idle – CPU Off, Flash, SRAM and Peripherals On
• Sleep – CPU, Flash and Peripherals Off and
SRAM On
• Deep Sleep – CPU, Flash, SRAM and
Most Peripherals Off:
- Run mode currents down to 8
A typical
- Idle mode currents down to 2
A typical
- Deep Sleep mode currents down to 20 nA typical
- RTCC 490 nA, 32 kHz, 1.8V
- Watchdog Timer 350 nA, 1.8V typical
High-Performance CPU:
• Modified Harvard Architecture
• Up to 16 MIPS Operation @ 32 MHz
• 8 MHz Internal Oscillator with 4x PLL Option and
Multiple Divide Options
• 17-Bit by 17-Bit Single-Cycle Hardware Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16-Bit x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture
Peripheral Features:
• Hardware Real-Time Clock and Calendar (RTCC):
- Provides clock, calendar and alarm functions
- Can run in Deep Sleep Mode
• Programmable Cyclic Redundancy Check (CRC)
• Serial Communication modules:
- SPI, I2C™ and two UART modules
• Three 16-Bit Timers/Counters with Programmable
Prescaler
• 16-Bit Capture Inputs
• 16-Bit Compare/PWM Output
• Configurable Open-Drain Outputs on Digital I/O Pins
• Up to Three External Interrupt Sources
Analog Features:
• 10-Bit, up to 9-Channel Analog-to-Digital Converter:
- 500 ksps conversion rate
- Conversion available during Sleep and Idle
• Dual Analog Comparators with Programmable Input/
Output Configuration
• Charge Time Measurement Unit (CTMU):
- Used for capacitance sensing
- Time measurement, down to 1 ns resolution
- Delay/pulse generation, down to 1 ns resolution
Special Microcontroller Features:
• Operating Voltage Range of 1.8V to 3.6V
• High-Current Sink/Source (18 mA/18 mA) on All I/O Pins
• Flash Program Memory:
- Erase/write cycles: 10,000 minimum
- 40-years’ data retention minimum
• Data EEPROM:
- Erase/write cycles: 100,000 minimum
- 40-years’ data retention minimum
• Fail-Safe Clock Monitor
• System Frequency Range Declaration bits:
- Declaring the frequency range optimizes the current
consumption.
• Flexible Watchdog Timer (WDT) with On-Chip,
Low-Power RC Oscillator for Reliable Operation
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Debug (ICD) via two Pins
• Programmable High/Low-Voltage Detect (HLVD)
• Brown-out Reset (BOR):
- Standard BOR with three programmable trip points;
can be disabled in Sleep
• Extreme Low-Power DSBOR for Deep Sleep,
LPBOR for all other modes
PIC24F
Device
08KA101
20
8K
1.5K
512
3
1
1
2
1
1
9
2
9
Y
16KA101
20
16K
1.5K
512
3
1
1
2
1
1
9
2
9
Y
08KA102
28
8K
1.5K
512
3
1
1
2
1
1
9
2
9
Y
16KA102
28
16K
1.5K
512
3
1
1
2
1
1
9
2
9
Y
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers
with nanoWatt XLP Technology


Similar Part No. - PIC24F16KA102T-EP-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102T-I MICROCHIP-PIC24F16KA102T-I Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
More results

Similar Description - PIC24F16KA102T-EP-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
3Mb / 224P
   14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F722A MICROCHIP-PIC16F722A Datasheet
3Mb / 284P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com