Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC3MAH0-0-B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NC3MAH0-0-B
Description  N e u t r i k 짰 P a r t N u m b e r G u i d e
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC3MAH0-0-B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NC3MAH0-0-B Datasheet HTML 3Page - List of Unclassifed Manufacturers NC3MAH0-0-B Datasheet HTML 4Page - List of Unclassifed Manufacturers NC3MAH0-0-B Datasheet HTML 5Page - List of Unclassifed Manufacturers NC3MAH0-0-B Datasheet HTML 6Page - List of Unclassifed Manufacturers NC3MAH0-0-B Datasheet HTML 7Page - List of Unclassifed Manufacturers NC3MAH0-0-B Datasheet HTML 8Page - List of Unclassifed Manufacturers NC3MAH0-0-B Datasheet HTML 9Page - List of Unclassifed Manufacturers NC3MAH0-0-B Datasheet HTML 10Page - List of Unclassifed Manufacturers NC3MAH0-0-B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
XLR
Cable
Connectors
FXS Series
FX-SPEC Series
FX connector with noiseless ON-OFF
switch short-circuiting contacts 2 + 3
For use on a microphone without
switch
Solid female cable connector with
locking ring for highest security of
connection
Uninterrupted EMI protection
Protect against accidental disconnects
Thief-prove, grub screw secure connector
onto microphone or gooseneck
Avoids movements and noises
12
Quality
Thinking
XCC Series
NC3FXCC
NC3MXCC
3 pole cable connector with a circum-
ferential shield contact for best EMI
protection
Featuring a coaxial ground spring and
coaxial hex crimp ferrule at the cable
entrance for proper and reliable
transition of the cable shield to the shell
Zebra coding ring to indicate digital
AES signals included
NC3FXS
NC3FX-SPEC
NC3FXS
NC3FX-SPEC
NC3FXCC


Similar Part No. - NC3MAH0-0-B

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC3MAH NEUTRIK-NC3MAH Datasheet
83Kb / 3P
   3 pole male XLR receptacle, grounding: separate ground contact to mating connector shell and front panel, horizontal PCB mount
NC3MAH-0 NEUTRIK-NC3MAH-0 Datasheet
84Kb / 3P
   3 pole male XLR receptacle, grounding
NC3MAH-S NEUTRIK-NC3MAH-S Datasheet
83Kb / 3P
   3 pole male XLR receptacle, grounding: separate ground contact to mating connector shell and front panel, horizontal PCB mount
NC3MAHL NEUTRIK-NC3MAHL Datasheet
87Kb / 3P
   3 pole male XLR receptacle, grounding
NC3MAHR NEUTRIK-NC3MAHR Datasheet
93Kb / 3P
   3 pole male XLR receptacle, grounding
More results

Similar Description - NC3MAH0-0-B

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
logo
Powerbox
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
E-Tech Electronics LTD
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
logo
Linx Technologies
TXM-418 LINX-TXM-418 Datasheet
178Kb / 12P
   R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
2000
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com