Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22LV10C-15XC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF22LV10C-15XC
Description  High Performance E2 PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22LV10C-15XC Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF22LV10C-15XC Datasheet HTML 1Page - ATMEL Corporation ATF22LV10C-15XC Datasheet HTML 2Page - ATMEL Corporation ATF22LV10C-15XC Datasheet HTML 3Page - ATMEL Corporation ATF22LV10C-15XC Datasheet HTML 4Page - ATMEL Corporation ATF22LV10C-15XC Datasheet HTML 5Page - ATMEL Corporation ATF22LV10C-15XC Datasheet HTML 6Page - ATMEL Corporation ATF22LV10C-15XC Datasheet HTML 7Page - ATMEL Corporation ATF22LV10C-15XC Datasheet HTML 8Page - ATMEL Corporation ATF22LV10C-15XC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
3.0V to 5.5V Operating Range
Advanced Low-voltage Electrically-erasable Programmable Logic Device
User-controlled Power-down Pin Option
Pin-controlled Standby Power (10µA Typical)
Well-suited for Battery Powered Systems
10ns Maximum Propagation Delay
CMOS and TTL Compatible Inputs and Outputs
Latch Feature Hold Inputs to Previous Logic States
Advanced Electrically-erasable Technology
– Reprogrammable
– 100% Tested
High-reliability CMOS Process
– 20 year Data Retention
– 100 Erase/Write Cycles
– 2,000V ESD Protection
– 200mA Latchup Immunity
Industrial Temperature Ranges
Dual-in-line and Surface Mount Packages in Standard Pinouts
Inputs are 5V Tolerant
Green Package Options (Pb/Halide-free/RoHS Compliant) Available
Applcations include Glue logic for 3.3V systems, DMA Control, State Machine Control,
Graphics processing
1.
Description
The Atmel® ATF22LV10C is a high-performance CMOS (electrically erasable) pro-
grammable logic device (PLD) that utilizes the Atmel proven electrically erasable
Flash memory technology. Speeds down to 10ns and power dissipation as low as
10mA are offered. All speed ranges are specified over the 3.0V to 5.5V range for
industrial and commercial temperature ranges.
The ATF22LV10C provides a low-voltage and user controlled “zero” power CMOS
PLD solution. A user-controlled power-down feature offers “zero” (10µA typical)
standby power. This feature allows the user to manage total system power to meet
specific application requirements and enhance reliability, all without sacrificing speed.
(The Atmel ATF22LV10CQZ provides edge-sensing “zero” standby power (3µA typi-
cal), as well as low voltage operation. See the ATF22LV10CQZ datasheet.)
The ATF22LV10C is capable of operating at supply voltages down to 3.0V. When the
power-down pin is active, the device is placed into a zero standby power-down mode.
When the power-down pin is not used or active, the device operates in a full power
low voltage mode. Pin “keeper” circuits on input and output pins hold pins to their pre-
vious logic levels when idle, which eliminate static power consumed by pull-up
resistors.
The ATF22LV10C macrocell incorporates a variable product term architecture. Each
output is allocated from 8 to 16 product terms which allows highly-complex logic func-
tions to be realized. Two additional product terms are included to provide synchronous
reset and asynchronous reset. These additional product terms are common to all ten
registers and are automatically cleared upon power-up. Register preload simplifies
testing. A security fuse prevents unauthorized copying of programmed fuse patterns.
High-performance
Electrically
Erasable
Programmable
Logic Device
Atmel ATF22LV10C
See separate datasheet for Atmel
ATF22LV10C(Q)Z option
0780M–PLD–7/10


Similar Part No. - ATF22LV10C-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10C-15XC ATMEL-ATF22LV10C-15XC Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - ATF22LV10C-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
   High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com