Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1008HP030P25 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # R1008HP030P25
Description  Venture Lighting
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1008HP030P25 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button R1008HP030P25 Datasheet HTML 7Page - List of Unclassifed Manufacturers R1008HP030P25 Datasheet HTML 8Page - List of Unclassifed Manufacturers R1008HP030P25 Datasheet HTML 9Page - List of Unclassifed Manufacturers R1008HP030P25 Datasheet HTML 10Page - List of Unclassifed Manufacturers R1008HP030P25 Datasheet HTML 11Page - List of Unclassifed Manufacturers R1008HP030P25 Datasheet HTML 12Page - List of Unclassifed Manufacturers R1008HP030P25 Datasheet HTML 13Page - List of Unclassifed Manufacturers R1008HP030P25 Datasheet HTML 14Page - List of Unclassifed Manufacturers R1008HP030P25 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
White-Lux
® Plus
Dia. = 46mm
MOL = 211mm
LCL = 132mm
Base = E40
I
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
Applications:
Floodlighting
Factories
Car Parks
Dia. = 38mm
MOL = 156mm
LCL = 102mm
Base = E27
H
Dia. = 46mm
MOL = 285mm
LCL = 175mm
Base = E40
K
Dia. = 46mm
MOL = 225mm
LCL = 146mm
Base = E40
J
Dia. = 120mm
MOL = 296mm
LCL = 182mm
Base = E40
F
Dia. = 120mm
MOL = 296mm
LCL = 182mm
Base = E40
G
Dia. = 76mm
MOL = 283mm
LCL = 175mm
Base = E40
L
LIGHTING
VENTURE
11
Enclosed Rated
HPS Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
250
HIE 250W/V/LU/4K
31668
22000
20000
4000
2-3
3-5
68
Clear
V±15°
E
12
250
HIE 250W/C/V/LU/4K
56266
21000
20000
3700
2-3
3-5
70
Coated
V±15°
E
12
250
HIE 250W/C/H75/LU/4K
43634
20000
20000
3700
2-3
4-6
70
Coated
HOR±75°
E
12
400
HIE 400W/V/LU/4K
60112
44000
20000
4000
2-3
4-6
68
Clear
V±15°
F
6
400
HIE 400W/C/V/LU/4K
54695
42000
20000
3700
2-3
4-6
70
Coated
V±15°
F
6
400
HIE 400W/C/H75/LU/4K
68110
38000
20000
3700
2-3
5-8
70
Coated
HOR±75°
F
6
1000
HIE 1000W/V/LU/BT120/4K
00154
90000
8000
4000
2-3
10-15
68
Clear
V±15°
P
6
Open Rated
HPS Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
250
HIPE 250W/HBU/LU/UVS/4K
10016
21000V
20000V
4000
2-3
4-6
68
Clear
V±15°
C
12
250
HIPE 250W/C/HBU/LU/UVS/4K
10076
20000V
20000V
3700
2-3
4-6
70
Coated
V±15°
C
12
250
HIPE 250W/C/H75/LU/UVS/4K
29486
20000
20000
3700
2-3
4-6
70
Coated
HOR±75°
C
12
400
HIPE 400W/V/LU/UVS/4K
10077
42000
20000
4000
2-3
5-8
68
Clear
V±15°
G
6
400
HIPE 400W/C/V/LU/UVS/4K
10043
40000
20000
3700
2-3
5-8
70
Coated
V±15°
G
6
400
HIPE 400W/C/H75/LU/UVS/4K
40511
38000
20000
3700
2-3
5-8
70
Clear
HOR±75°
G
6
Open Rated (High Output)
HPS Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
400
HIPE 400W/V/LU/UVS/HO/4K
54918
47000
20000
4000
2-3
5-8
68
Clear
V±15°
G
6
400
HIPE 400W/C/V/LU/UVS/HO/4K
42067
45000
20000
3700
2-3
5-8
70
Coated
V±15°
G
6
Enclosed Rated
White-Lux
® Tubular
HPS Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
70
HIT 70W/U/LU/4K
13742
5300V
15000V
4000
1-2
1-2
68
Clear
U
H
12
100
HIT 100W/U/LU/T38/4K
76738
9000V
15000V
4000
1-2
2-4
68
Clear
U
H
12
100
HIT 100W/U/LU/T46/4K
87368
9000V
15000V
4000
1-2
2-4
68
Clear
U
I
12
150
HIT 150W/U/LU/T38/4K
62272
14000V
15000V
4000
1-2
2-4
68
Clear
U
H
12
150
HIT 150W/U/LU/T46/4K
71144
14000V
15000V
4000
1-2
2-4
68
Clear
U
I
12
250
HIT 250W/U/LU/4K
48768
19000V
10000V
4000
3-5
5-10
68
Clear
U
J
12
250
HIT 250W/U/LU/5K
10855
16800V
10000V
5200
3-5
5-10
75
Clear
U
J
12
250
HIT 250W/H75/LU/4K
27965
20000
15000
4000
3-5
5-10
68
Clear
HOR±75°
N
12
400
HIT 400W/U/LU/4K
98748
36000V
20000V
4000
3-5
5-10
68
Clear
U
K
12
400
HIT 400W/U/LU/5K
21044
32000V
20000V
5200
3-5
5-10
75
Clear
U
K
12
400
HIT 400W/H75/LU/4K
43898
40000
15000
4000
3-5
5-10
68
Clear
HOR±75°
O
12
600
HIT 600W/U/LU/4K
54631
55000V
12000V
4000
3-5
5-10
68
Clear
BU±90°
L
6
1000
HIT 1000W/U/LU/4K
83265
90000V
8000V
4000
3-5
10-15
68
Clear
U
M
6
1000
HIT 1000W/U/LU/5K
00083
80000V
8000V
5000
3-5
10-15
68
Clear
U
M
6
Dia. = 76mm
MOL = 340mm
LCL = 220mm
Base = E40
M
For Tubular Open
Rated Lamps See
Page 13
Retail warehouses
Security lighting
Showrooms/Warehouses
Dia. = 46mm
MOL = 225mm
LCL = 146mm
Base = E40
N
Dia. = 46mm
MOL = 285mm
LCL = 175mm
Base = E40
O
P
Dia. = 120mm
MOL = 296mm
LCL = 182mm
Base = E40
Some lamp descriptions include the 3 digit International Ra/CCT Code
5314 Pgs 10-19:5314 Venture Catalogue 10-19 12/03/2010 14:18 Page 11


Similar Part No. - R1008HP030P25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R100 ETC2-R100 Datasheet
115Kb / 3P
   TO-220 and TO-247 Style Power Resistor
logo
Amphenol Corporation
R100 AMPHENOL-R100 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
C&K Components
R100 CK-COMPONENTS-R100 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R100-05-RN-01-B ITT-R100-05-RN-01-B Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R100-05-RN-01-B-E ITT-R100-05-RN-01-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
More results

Similar Description - R1008HP030P25

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1507 3M-1507 Datasheet
271Kb / 2P
   Venture Tape??Line Set Tape & Venture Tape??Reflective
1506R 3M-1506R Datasheet
141Kb / 2P
   Venture Tape??Polyethylene Tape
1502 3M-1502 Datasheet
176Kb / 2P
   Venture Tape??Metallized Cloth Duct
1537CW 3M-1537CW Datasheet
248Kb / 2P
   Venture Tape??Facing Tape
1501 3M-1501 Datasheet
173Kb / 2P
   Venture Tape??Cloth Duct Tape
1520CW 3M-1520CW Datasheet
252Kb / 2P
   Venture Tape??Aluminum Foil Tape
1525CW 3M-1525CW Datasheet
207Kb / 2P
   Venture Tape??FSK Facing Tape
logo
Gennum Corporation
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
logo
3M Electronics
3520CW 3M-3520CW Datasheet
236Kb / 2P
   Venture Tape??Aluminum Foil Tape
1500 3M-1500 Datasheet
175Kb / 2P
   Venture Tape??Cloth Duct Tape
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com