Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1008CR300A25 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # R1008CR300A25
Description  Venture Lighting
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1008CR300A25 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button R1008CR300A25 Datasheet HTML 6Page - List of Unclassifed Manufacturers R1008CR300A25 Datasheet HTML 7Page - List of Unclassifed Manufacturers R1008CR300A25 Datasheet HTML 8Page - List of Unclassifed Manufacturers R1008CR300A25 Datasheet HTML 9Page - List of Unclassifed Manufacturers R1008CR300A25 Datasheet HTML 10Page - List of Unclassifed Manufacturers R1008CR300A25 Datasheet HTML 11Page - List of Unclassifed Manufacturers R1008CR300A25 Datasheet HTML 12Page - List of Unclassifed Manufacturers R1008CR300A25 Datasheet HTML 13Page - List of Unclassifed Manufacturers R1008CR300A25 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Features:
• High lumen efficiency
• Long lamp life
• Enclosed and open fixture designs
• Uni-Form® formed body arc tube for
faster starting
• UV Shield® option available (UVS)
Enclosed Rated
HPS Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
50
HIE 50W/U/LU/4K
67331
3400V
10000V
4000
1-2
1-2
68
Clear
U
A
12
70
HIE 70W/U/LU/4K
27373
5600V
15000V
4000
1-2
1-2
68
Clear
U
A
12
70
HIE 70W/C/U/LU/4K
63173
5300V
15000V
3700
1-2
1-2
70
Coated
U
A
12
70
HIE 70W/U/LU/3K
23660
5600V
15000V
3200
1-2
1-2
68
Clear
U
A
12
70
HIE 70W/C/U/LU/3K
96720
5300V
15000V
3200
1-2
1-2
70
Coated
U
A
12
100
HIE 100W/U/LU/4K
50340
9000V
15000V
4000
1-2
2-4
68
Clear
U
A
12
100
HIE 100W/C/U/LU/4K
19031
8500V
15000V
3700
1-2
2-4
70
Coated
U
A
12
100
HIE 100W/U/LU/3K
79457
9000V
15000V
3200
1-2
2-4
68
Clear
U
A
12
100
HIE 100W/C/U/LU/3K
45157
8500V
15000V
3200
1-2
2-4
70
Coated
U
A
12
150
HIE 150W/U/LU/4K
30544
14000V
15000V
4000
1-2
2-4
68
Clear
U
A
12
150
HIE 150W/C/U/LU/4K
40563
13300V
15000V
3700
1-2
2-4
70
Coated
U
A
12
150
HIE 150W/C/U/LU/3K
69876
13300V
15000V
3200
1-2
2-4
70
Coated
U
A
12
Open Rated
HPS Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
70
HIPE 70W/C/U/LU/UVS/3K
52910
5000V
15000V
3200
1-2
2-4
70
Coated
U
B
12
70
HIPE 70W/C/V/LU/UVS/27K
48692
5000V
15000V
2700
1-2
2-4
70
Coated
V±15°
B
12
70
HIPE 70W/U/LU/UVS/4K
10002
5300V
15000V
4000
1-2
2-4
68
Clear
U
B
12
70
HIPE 70W/C/U/LU/UVS/4K
10003
5000V
15000V
3700
1-2
2-4
70
Coated
U
B
12
100
HIPE 100W/U/LU/UVS/3K
82539
8500V
15000V
3200
1-2
3-5
68
Clear
U
B
12
100
HIPE 100W/C/U/LU/UVS/3K
65850
8100V
15000V
3200
1-2
3-5
70
Coated
U
B
12
100
HIPE 100W/C/V/LU/UVS/27K
39468
8100V
15000V
2700
1-2
3-5
70
Coated
V±15°
B
12
100
HIPE 100W/U/LU/UVS/4K
10004
8500V
15000V
4000
1-2
3-5
68
Clear
U
B
12
100
HIPE 100W/C/U/LU/UVS/4K
10005
8100V
15000V
3700
1-2
3-5
70
Coated
U
B
12
100
HIPE 100W/U/LU/E90/UVS/4K
10050
8500V
15000V
4000
1-2
3-5
68
Clear
U
C
12
150
HIPE 150W/U/LU/UVS/3K
22822
13300V
15000V
3200
1-2
3-5
68
Clear
U
B
12
150
HIPE 150W/C/U/LU/UVS/3K
22833
12600V
15000V
3200
1-2
3-5
70
Coated
U
B
12
150
HIPE 150W/C/V/LU/UVS/27K
41700
12600V
15000V
2700
1-2
3-5
70
Coated
V±15°
B
12
150
HIPE 150W/U/LU/E90/UVS/4K
10051
13300V
15000V
4000
1-2
3-5
68
Clear
U
C
12
150
HIPE 150W/C/U/LU/E90/UVS/4K
10082
12600V
15000V
3700
1-2
3-5
70
Coated
U
C
12
150
HIPE 150W/U/LU/UVS/4K
10006
13300V
15000V
4000
1-2
3-5
68
Clear
U
B
12
150
HIPE 150W/C/U/LU/UVS/4K
10007
12600V
15000V
3700
1-2
3-5
70
Coated
U
B
12
Conversion Kit (Lamp and Ignitor)
HPS Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
70
HIPE 70W/U/LU/UVS/4K
10101
5300V
15000V
4000
1-2
2-4
68
Clear
U
D
12
70
HIPE 70W/C/U/LU/UVS/4K
10102
5000V
15000V
3700
1-2
2-4
70
Coated
U
D
12
White-Lux
® Plus
White-Lux
® Plus metal halide lamps in 50,70,
100, 150, 250, 400, 600 and 1000 wattages offer
increased lumen efficiency over existing
White-Lux metal halide lamps. These lamps can
be used to convert the harsh yellow light of
sodium lamps in existing installations to clean
white metal halide light.
They also provide the added benefit of a formed
body arc tube for faster starting. White-Lux Plus
metal halide lamps operate on standard HPS
ballasts and ignitors.
Dia. = 54mm
MOL = 141mm
LCL = 89mm
Base = E27
A
Dia. = 54mm
MOL = 141mm
LCL = 89mm
Base = E27
B
Dia. = 90mm
MOL = 215mm
LCL = 131mm
Base = E40
C
Dia. = 54mm
MOL = 141mm
LCL = 89mm
Base = E27
D
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
LIGHTING
VENTURE
Dia. = 90mm
MOL = 215mm
LCL = 131mm
Base = E40
E
LIGHTING
VENTURE
10
Some lamp descriptions include the 3 digit International Ra/CCT Code
5314 Pgs 10-19:5314 Venture Catalogue 10-19 12/03/2010 14:18 Page 10


Similar Part No. - R1008CR300A25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R100 ETC2-R100 Datasheet
115Kb / 3P
   TO-220 and TO-247 Style Power Resistor
logo
Amphenol Corporation
R100 AMPHENOL-R100 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
C&K Components
R100 CK-COMPONENTS-R100 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R100-05-RN-01-B ITT-R100-05-RN-01-B Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R100-05-RN-01-B-E ITT-R100-05-RN-01-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
More results

Similar Description - R1008CR300A25

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1507 3M-1507 Datasheet
271Kb / 2P
   Venture Tape??Line Set Tape & Venture Tape??Reflective
1506R 3M-1506R Datasheet
141Kb / 2P
   Venture Tape??Polyethylene Tape
1502 3M-1502 Datasheet
176Kb / 2P
   Venture Tape??Metallized Cloth Duct
1537CW 3M-1537CW Datasheet
248Kb / 2P
   Venture Tape??Facing Tape
1501 3M-1501 Datasheet
173Kb / 2P
   Venture Tape??Cloth Duct Tape
1520CW 3M-1520CW Datasheet
252Kb / 2P
   Venture Tape??Aluminum Foil Tape
1525CW 3M-1525CW Datasheet
207Kb / 2P
   Venture Tape??FSK Facing Tape
logo
Gennum Corporation
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
logo
3M Electronics
3520CW 3M-3520CW Datasheet
236Kb / 2P
   Venture Tape??Aluminum Foil Tape
1500 3M-1500 Datasheet
175Kb / 2P
   Venture Tape??Cloth Duct Tape
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com