Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3FAH0-0-B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NB3FAH0-0-B
Description  N e u t r i k 짰 P a r t N u m b e r G u i d e
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NB3FAH0-0-B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NB3FAH0-0-B Datasheet HTML 4Page - List of Unclassifed Manufacturers NB3FAH0-0-B Datasheet HTML 5Page - List of Unclassifed Manufacturers NB3FAH0-0-B Datasheet HTML 6Page - List of Unclassifed Manufacturers NB3FAH0-0-B Datasheet HTML 7Page - List of Unclassifed Manufacturers NB3FAH0-0-B Datasheet HTML 8Page - List of Unclassifed Manufacturers NB3FAH0-0-B Datasheet HTML 9Page - List of Unclassifed Manufacturers NB3FAH0-0-B Datasheet HTML 10Page - List of Unclassifed Manufacturers NB3FAH0-0-B Datasheet HTML 11Page - List of Unclassifed Manufacturers NB3FAH0-0-B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
T e chnical
Data
13
-
Quality
Design
www .neutrik.com
Specification
XX
EMC
X
XCC
X-HD
FXS
XX-HE FX-SPEC
RX
Series
Series
Series
Series
Series
Series
Series
Series
Series
Electrical
Mechanical
Material
Shell
Zinc diecast (ZnAI4Cu1)
-
(gal Ni or black Cr)
gal Ni
black Cr
Stainless steel
-
-
-
-
-
-
-
-
Insert
Polyamide PA 6.6 30% GR
Contacts
- female 3 pole: Bronze (CuSn8)
- female 4 - 7 pole & male: Brass (CuZn39Pb3)
-
-
-
Contact surface
Silver gal 2 µm Ag
Au
Au
or Gold gal 0.2 µm Au hard alloy over 2 µm Ni
Latch lock St3K32 (latch) / Ck 67 (spring)
-
-
-
-
Zinc diecast (ZnAI4Cu1)
-
-
-
-
-
Strain-relief clamp
POM
Bushing
PA / PU
PU
PU
Circumferential ground spring
Bronze (CuSn6), Ni plated -
-
-
-
-
-
-
Crimp ferrule
Brass (CuZn39Pb3), Ni plated -
-
-
-
-
-
-
-
Coding ring
Polyamide PA 6 15% GR
-
-
-
-
-
-
-
-
Sealing jacket
EPDM
-
-
-
-
-
-
-
-
Securing ring
Brass (CuZn39Pb3)
-
-
-
-
-
-
-
-
Lifetime > 1`000 cycles
Insertion / withdrawal force
20 N
Cable O.D. range
3.5 - 8.0 mm
-
5.4 - 6.2 mm
Max. wire size
3 pole: 2.5 mm2 / AWG 14
AWG 20
4 pole: 1.5 mm2 / AWG 16
-
-
-
-
-
5, 6, 7 pole: 1.0 mm2 / AWG 18
-
-
-
-
-
Crimp tool: 6.5 mm Hex die (size "E" acc. to IEC 60803)
-
-
-
-
-
-
-
-
Number of contacts
3 - 7
3
3 - 7
3
3 - 5
3
3
3
3 - 7
Contact resistance
≤ 3 mΩ
Insulation resistance
- initial: > 2 G
- after damp heat test: > 1 G
Dielectric strength
1500 V dc
Cable shield-shell connection
choosable
-
-
-
determined
-
capacitive
-
crimp
-
-
-
-
-
Shielding effectiveness
> 55 dB @ 1.3 GHz
-
-
-
-
-
-
-
Lossy ferrite bead on PIN 1
-
-
-
-
-
-
-
-
Rated current per contact @ 35°C
3 pole: 16 A
5 A
4 pole: 10 A
-
-
-
-
-
5, 6 pole: 7.5 A
-
-
-
-
-
7 pole: 5 A
-
-
-
-
-
-
Capacitance between contacts
3 pole:
≤ 4 pF
4, 5, 6 pole:
≤ 7 pF
-
-
-
-
-
7 pole:
≤ 9 pF
-
-
-
-
-
-
Rated Voltage
50 V ac
Environmental
Operating temperature
-30°C to +80°C
Flammability
UL 94 HB
Protection class
IP 40
IP 65
Solderability complies with IEC 68-2-20
Manufacturing Standard IEC 61076-2-103


Similar Part No. - NB3FAH0-0-B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
NB3F8L3005CMNTBG ONSEMI-NB3F8L3005CMNTBG Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
NB3F8L3005CMNTBG ONSEMI-NB3F8L3005CMNTBG Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
NB3F8L3005CMNTXG ONSEMI-NB3F8L3005CMNTXG Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
More results

Similar Description - NB3FAH0-0-B

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
logo
Powerbox
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
E-Tech Electronics LTD
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
logo
Linx Technologies
TXM-418 LINX-TXM-418 Datasheet
178Kb / 12P
   R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
2000
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com