Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5601ARKZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5601ARKZ
Description  50 MHz to 4.0 GHz RF/IF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5601ARKZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5601ARKZ Datasheet HTML 5Page - Analog Devices ADL5601ARKZ Datasheet HTML 6Page - Analog Devices ADL5601ARKZ Datasheet HTML 7Page - Analog Devices ADL5601ARKZ Datasheet HTML 8Page - Analog Devices ADL5601ARKZ Datasheet HTML 9Page - Analog Devices ADL5601ARKZ Datasheet HTML 10Page - Analog Devices ADL5601ARKZ Datasheet HTML 11Page - Analog Devices ADL5601ARKZ Datasheet HTML 12Page - Analog Devices ADL5601ARKZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADL5601
Rev. A | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
OIP3
P1dB
GAIN
NF
Figure 3. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
FREQUENCY (GHz)
–40°C
+85°C
+25°C
Figure 4. Gain vs. Frequency and Temperature
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
–35
–30
–25
–20
–15
–10
–5
0
S11
S12
S22
Figure 5. Input Return Loss (S11), Output Return Loss (S22), and
Reverse Isolation (S12) vs. Frequency
5
10
15
20
25
30
35
40
45
10
12
14
16
18
20
22
24
26
FREQUENCY (GHz)
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
–40°C
+85°C
+25°C
–40°C
+85°C
+25°C
Figure 6. P1dB and OIP3 vs. Frequency and Temperature
18
20
22
24
26
28
30
32
34
36
38
40
42
44
–10
–8
–6
–4
–2
02468
10
12
14
16
POUT PER TONE (dBm)
900MHz
700MHz
2000MHz
4000MHz
350MHz
140MHz
50MHz
2600MHz
3500MHz
Figure 7. OIP3 vs. Output Power (POUT) and Frequency
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
+25°C
+85°C
–40°C
Figure 8. Noise Figure vs. Frequency and Temperature


Similar Part No. - ADL5601ARKZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5601ARKZ-R7 AD-ADL5601ARKZ-R7 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
More results

Similar Description - ADL5601ARKZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com