Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-SB-22A-02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CL-SB-22A-02
Description  Adopted Twin-contacts mechanism
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CL-SB-22A-02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CL-SB-22A-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers CL-SB-22A-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers CL-SB-22A-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers CL-SB-22A-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers CL-SB-22A-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers CL-SB-22A-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers CL-SB-22A-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers CL-SB-22A-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers CL-SB-22A-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
2
3
4
5
6
※Please refer to the LIST OF PART NUMBERS when placing orders.
● Wide variety
(circuit composition, operating direction, terminal shape:
J-hook, Gull wing, Through hole pins)
● Standardzation of the silver contacts as well as gold
contacts
● Stroke is 2mm
● Using heat-resistant resin to support reflow soldering
mounting
● Adopted Twin-contacts mechanism
FEATURES
INTERNAL STRUCTURE
Part name
Housing
Slider
Moving contact
Fixed contact
Terminal pin
Material
Flammability
UL94 V-0
UL94 V-0
Polyphenylenesulphide
Polyamido
Cover
Stainless steel (SUS 304)
Copper alloy, gold or silver plate
Copper alloy, gold or silver plate
Copper alloy, gold or silver plate
CL-SB
SLIDE SWITCHES
RoHS compliant
PART NUMBER DESIGNATION
CL - SB - 2 3 B - 0 2 T
Series name
No. of bits
11 pole
22 pole
Contact material
1
:Silver
2
:Gold
Setting position
0Top setting
1Side setting
Form of packaging
TTaping
Bulk in plastic bag Blank
No. of contacts
22 contacts
33 contacts
Shape of terminal
AJ-hook
BGull wing
CThrough hole pins
Specifications are subject to change without notice.
Polyamide
UL-94V-0
UL-94V-0
No. of poles
pole
poles
No. of positions
positions
positions
Blank : Bulk in plastic bag


Similar Part No. - CL-SB-22A-02

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CL-SB-22A-02 COPAL-CL-SB-22A-02 Datasheet
883Kb / 9P
   SLIDE SWITCHES
CL-SB-22A-02T COPAL-CL-SB-22A-02T Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results

Similar Description - CL-SB-22A-02

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422CGJ30 SCHNEIDER-9422CGJ30 Datasheet
108Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
9422CFA50 SCHNEIDER-9422CFA50 Datasheet
111Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
logo
List of Unclassifed Man...
9422ATF12 ETC2-9422ATF12 Datasheet
40Kb / 1P
   OPERATING MECHANISM
logo
Omron Electronics LLC
D4BS OMRON-D4BS_08 Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
logo
General Electric Compan...
12AX7 GEC-12AX7 Datasheet
291Kb / 4P
   TWIN TRIODE
logo
Shindengen Electric Mfg...
SG20JC6M SHINDENGEN-SG20JC6M Datasheet
446Kb / 2P
   Twin Diode
SG30SC6M SHINDENGEN-SG30SC6M Datasheet
453Kb / 2P
   Twin Diode
SG30TC15M SHINDENGEN-SG30TC15M Datasheet
3Mb / 2P
   Twin Diode
SG40TC10M SHINDENGEN-SG40TC10M Datasheet
2Mb / 2P
   Twin Diode
logo
Festo Corporation.
8100638 FESTO-8100638 Datasheet
96Kb / 1P
   Twin cylinder
12/11/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com