Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-SB-22B-11T Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CL-SB-22B-11T
Description  Adopted Twin-contacts mechanism
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CL-SB-22B-11T Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CL-SB-22B-11T Datasheet HTML 3Page - List of Unclassifed Manufacturers CL-SB-22B-11T Datasheet HTML 4Page - List of Unclassifed Manufacturers CL-SB-22B-11T Datasheet HTML 5Page - List of Unclassifed Manufacturers CL-SB-22B-11T Datasheet HTML 6Page - List of Unclassifed Manufacturers CL-SB-22B-11T Datasheet HTML 7Page - List of Unclassifed Manufacturers CL-SB-22B-11T Datasheet HTML 8Page - List of Unclassifed Manufacturers CL-SB-22B-11T Datasheet HTML 9Page - List of Unclassifed Manufacturers CL-SB-22B-11T Datasheet HTML 10Page - List of Unclassifed Manufacturers CL-SB-22B-11T Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CL-SB
SLIDE SWITCHES
PACKAGING SPECIFICATIONS
<Taping packaging specifications>
● Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500, pcs., etc.
● Taping version is boxed with one reel (500 pcs.).
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
● Embossed tape dimensions
● Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
Part No. ladel
2
± 0.5
13
± 0.2
φ
21
± 0.8
C
B
φ
<Bulk pack specifications>
● The smallest unit of bulk pack in plastic bag is 10 pcs.
per pack.Orders will be accepted for unit of minimum 10
pcs., i.e., 10, 20, 30 pcs., etc.
● Boxing of bulk in a plastic bag is performed with 50 pcs.
per box.
(Conforms to JIS C 0806)
● CL-SB-12A/12B-0T
<Top setting without knob>
● CL-SB-22A/22B-0T
<Top setting without knob>
Direction of feed
Installation example
(CL-SB-12B-02T)
φ1.5+0.1
0
12
±0.1
2
±0.1
5
±0.1
4
±0.1
Terminal
No.1
7.3
Direction of feed
Installation example
(CL-SB-22B-02T)
φ1.5+0.1
0
12
±0.1
2
±0.1
5
±0.1
4
±0.1
Terminal
No.1
7.3
〈Tape dimensions〉
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
Specifications are subject to change without notice.


Similar Part No. - CL-SB-22B-11T

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CL-SB-22B-11T COPAL-CL-SB-22B-11T Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results

Similar Description - CL-SB-22B-11T

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422CGJ30 SCHNEIDER-9422CGJ30 Datasheet
108Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
9422CFA50 SCHNEIDER-9422CFA50 Datasheet
111Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
logo
List of Unclassifed Man...
9422ATF12 ETC2-9422ATF12 Datasheet
40Kb / 1P
   OPERATING MECHANISM
logo
Omron Electronics LLC
D4BS OMRON-D4BS_08 Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
logo
General Electric Compan...
12AX7 GEC-12AX7 Datasheet
291Kb / 4P
   TWIN TRIODE
logo
Shindengen Electric Mfg...
SG20JC6M SHINDENGEN-SG20JC6M Datasheet
446Kb / 2P
   Twin Diode
SG30SC6M SHINDENGEN-SG30SC6M Datasheet
453Kb / 2P
   Twin Diode
SG30TC15M SHINDENGEN-SG30TC15M Datasheet
3Mb / 2P
   Twin Diode
SG40TC10M SHINDENGEN-SG40TC10M Datasheet
2Mb / 2P
   Twin Diode
logo
Festo Corporation.
8100638 FESTO-8100638 Datasheet
96Kb / 1P
   Twin cylinder
12/11/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com