Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DDC112Y-250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. DDC112Y-250
Description  PCB FOOTPRINT EXPERT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

DDC112Y-250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DYNAMIC, HI-RES LIBRARIES
Easily reconstruct your entire PCB library with
totally different rules in seconds!
Our “High-
Resolution” 10µm technology lets you maintain
high accuracy and flexibility.
UPGRADE ENTIRE LIBRARY
 Migrate to an IPC-compliant library
 Over 3,200 unique component packages
 Transition from Inch to Metric
 Easily apply consistency to libraries
- People with various skills created library
- Different rules used over time
- Library developed over many years
 CAD Library quality must be improved
MULTIPLE CAD FORMATS
Build consistent quality, eliminate redundant
work, and avoid costs of migrating libraries
build it all in ONE tool regardless the format!
S A V E S U P T O 90% T I M E O N N E W P A R T S & 9 9 . 9 % O N R E B U I L D I N G E N T I R E L I B R A R I E S !
PCB Libraries, Inc. - 1153 S. Lee Street, #220 - Des Plaines, IL 60016
Tel: 847.557.2300
-
Fax: 847.557.2319
-
www.PCBL ibraries.com
v20120912
Coming soon:
Ultiboard, P-CAD, CR-5000, McCAD,
VUTRAX, Proteus, AutoTRAX, CADint,
IPC-2581,
and more…
CHAOS SIMPLIFIED!
PAD SHAPES
Rounded Rectangle
Oblong
Rectangle
D-Shape
ROTATIONS
FOOTPRINT ELEMENTS
ENVIRONMENTS
IPC, Manufacturer Recommended, User-Defined
VARIOUS DIMENSIONS
C o n t a c t u s f o r F R E E d e m o s a n d t r a i n i n g !


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn