Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQB100-110S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CQB100-110S
Description  100 WATT DC-DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CQB100-110S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CQB100-110S Datasheet HTML 1Page - List of Unclassifed Manufacturers CQB100-110S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENRAL SPECIFICATIONS:
Input Voltage Range ....……………........…........ 110V ............... 66-160V
Efficiency .................…..................................……..........…....... See Table
Input Surge Voltage (100ms max.) …………..……….…... 180Vdc max.
Isolation Voltage .............. Input/Output, Input/Case .......….. 2250VDC min.
Under voltage lockout ……….........….. power up …..…......………. 62V
Output/Case ………………….… 1500VDC min.
power down ………...….…. 56V
Isolation Resistance ..............................…......................…….... 10
7 ohm min.
Positive Logic Remote ON/OFF:
Isolation Capacitance …………………...……………….…..…… 1000pF typ.
Logic Compatibility ………………..………... Open Collector ref to -Input
Switching Frequency ........…………………............……….…... 200KHz typ.
Module ON…………… > 3.5Vdc to 75Vdc or Open Circuit
Operating Case Temperature ...………...........….....……........ -40
to 100
Module OFF ………………………………………….. < 1.8Vdc
Storage Temperature …………………......……..……............ -55
to +105
Input Filter ………………………………………………..….……... PI Type
Thermal Shutdown, Case Temp. .………….………….…..……. 105℃ typ.
OUTPUT SPECIFICATIONS:
Humidity ....................................................... 95% RH max. Non condensing
Voltage Accuracy ........................................…………..........
±1.5% max.
MTBF …… MIL-HDBK-217F, GB, 25
, Full Load ……………
TBD hrs typ.
Transient Response:25% Step Load Change .……………..… <200u sec.
Safety ………………….…… UL60950-1 2
nd(Basic insulation), Approval
External Trim Adj. Range …………………………………….………..
±10%
EMC(note 7) ……………… meet EN50155(EN50121-3-2) with external filter
Ripple & Noise, 20MHz BW(note 3)
Shock/Vibration ……………………..……………… meet EN50155(EN61373)
5V ……….……….. 40mV RMS, 100mV pk-pk max.,
Environmental ………………………….……… meet EN50155(EN60068-2-1)
12V …………….…. 60mV RMS., 150mV pk-pk max.
Dimensions ...................……... 2.28
×1.45x0.50 inches (57.9x36.8×12.7 mm)
24V ……………..… 100mV RMS, 240mV pk-pk max.
Case Material .................................... Aluminum Baseplate with Plastic Case
Temperature Coefficient ....................………..............….....
±0.03%/°C
Weight ……………………..……………………………………..………… 61.5 g
Short Circuit Protection .........………………......................... Continuous
NOTE:
Line Regulation (note 1) ……............................................….
±0.2% max.
1. Measured From High Line to Low Line
Load Regulation (note 2) …….......................……..................
±0.2% max.
2. Measured From Full Load to Zero Load
Over Voltage Protection trip Range ,% Vo nom. .................. 115-140%
3. Output Ripple and Noise measured with 10uF tantalum and 1uF ceramic
Current Limit .................……………….... 110% ~180% Nominal Output
capacitor across output
Start up time ……………………………………………….… 45ms typ.
4. Suffix "N" to the Model Number with Negative Logic Remote ON/OFF
Module ON ……………………………………………..…. < 1.8Vdc
Module OFF ………………….. >3.5Vdc to 75Vdc or Open Circuit
5. Suffix “-C” to the Model Number with Clear Mounting Insert (3.2mm DIA.)
6. An external input capacitor 120uF for all models are recommended to
reduce input ripple voltage.
7. Design meet EN50155 and RIA12 refer to Application Note
6
Trim
+Sense
+Vout
7
8
BOTTOM VIEW
M3*0.5 Through 2pl.
Function
ON/OFF
-Vin
-Vout
-Sense
+Vin
3
4
5
Pin
1
2
Mounting Inserts
Millimeters: X.X= ±0.5 , X.XX=±0.25
All Dimensions In Inches(mm)
CASE QB
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
1
1.86[47.2]
2.000[50.8]
2.28
[57.9]
2
3
8
7
6
5
4
0.040[1.02]
0.059[1.50]
DIA 6PLACES
DIA 2PLACES
REMOTE ON/OFF CONTROL
ON/OFF (2)
-VIN (4)
HIGH SIGNAL HERE
DISABLE OUTPUT
EXTERNAL OUTPUT TRIM
+SENSE (8)
TRIM (7)
-SENSE (6)
TRIM UP
TRIM DOWN
+SENSE (8)
TRIM (7)
-SENSE (6)
10K ohms
TRIMPOT


Similar Part No. - CQB100-110S

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CQB100-110S05 CINCON-CQB100-110S05 Datasheet
319Kb / 2P
   100 WATT DC-DC CONVERTERS
CQB100-110S12 CINCON-CQB100-110S12 Datasheet
319Kb / 2P
   100 WATT DC-DC CONVERTERS
CQB100-110S24 CINCON-CQB100-110S24 Datasheet
319Kb / 2P
   100 WATT DC-DC CONVERTERS
CQB100-110S3V3 CINCON-CQB100-110S3V3 Datasheet
319Kb / 2P
   100 WATT DC-DC CONVERTERS
More results

Similar Description - CQB100-110S

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB100-110S CINCON-CHB100-110S Datasheet
189Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Power-One
AS1001-7R POWER-ONE-AS1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
CQB100-110S3V3 CINCON-CQB100-110S3V3 Datasheet
319Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
Astrodyne Corporation
ASD100-24S12W ASTRODYNE-ASD100-24S12W Datasheet
1Mb / 4P
   100 WATT ASD SINGLE SERIES DC/DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com