Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1500A-12AC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1500A-12AC
Description  High Performance E2 PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500A-12AC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1500A-12AC Datasheet HTML 2Page - ATMEL Corporation ATF1500A-12AC Datasheet HTML 3Page - ATMEL Corporation ATF1500A-12AC Datasheet HTML 4Page - ATMEL Corporation ATF1500A-12AC Datasheet HTML 5Page - ATMEL Corporation ATF1500A-12AC Datasheet HTML 6Page - ATMEL Corporation ATF1500A-12AC Datasheet HTML 7Page - ATMEL Corporation ATF1500A-12AC Datasheet HTML 8Page - ATMEL Corporation ATF1500A-12AC Datasheet HTML 9Page - ATMEL Corporation ATF1500A-12AC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ATF1500A/AL
6
Note:
1. All ICC parameters measured with outputs open, and a 16-bit loadable, up/down counter programmed into each region.
Absolute Maximum Ratings*
Temperature Under Bias .................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V dc, which may under-
shoot to -2.0V for pulses of less than 20 ns. Max-
imum output pin voltage is Vcc+ 0.75V dc, which
may overshoot to 5.25V for pulses of less than 20
ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground ........................................ -2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.................................... -2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground ...................................... -2.0V to +14.0V(1)
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature(case)
0
°C - 70°C-40°C - 85°C
VCC Power Supply
5V
± 5%
5V
± 10%
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
IIL
Input or I/O
Low Leakage Current
0
≤ V
IN ≤ VIL(max)
-10
µA
IIH
Input or I/O
High Leakage Current
VIH,min ≤ VIN ≤ VCC
10
µA
ICC1
(1)
Power Supply Current,
Standby
VCC = MAX,
VIN = 0, VCC
ATF1500A
Com.
70
mA
Ind.
100
mA
ATF1500A
Com.
3
mA
Ind.
5
mA
ICC2
Power Supply Current,
Power Down Mode
VCC = MAX,
VIN = 0, VCC
5
µA
ICC3
(1)
Clocked Power Supply
Current
VCC = MAX,
VIN = 0, VCC
ATF1500AL
2
mA/MHz
IOS
Output Short Circuit
Current
VOUT = 0.5V
-130
mA
VIL
Input Low Voltage
VCC, min < VCC
< VCC, max
-0.5
0.8
V
VIH
Input High Voltage
2.0
VCC + 1
V
VOL
Output Low Voltage
VCC = MIN
IOL = 4 mA
0.45
V
VOH
Output High Voltage
VCC = MIN
IOH = -4 mA
2.4
V
IOH = -0.2 mA
VCC - .2
V


Similar Part No. - ATF1500A-12AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A-12AC ATMEL-ATF1500A-12AC Datasheet
609Kb / 19P
   Highperformance EPLD
More results

Similar Description - ATF1500A-12AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
   High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com