Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C46C-10SC-2.7 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT93C46C-10SC-2.7
Description  3-Wire Serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46C-10SC-2.7 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT93C46C-10SC-2.7 Datasheet HTML 3Page - ATMEL Corporation AT93C46C-10SC-2.7 Datasheet HTML 4Page - ATMEL Corporation AT93C46C-10SC-2.7 Datasheet HTML 5Page - ATMEL Corporation AT93C46C-10SC-2.7 Datasheet HTML 6Page - ATMEL Corporation AT93C46C-10SC-2.7 Datasheet HTML 7Page - ATMEL Corporation AT93C46C-10SC-2.7 Datasheet HTML 8Page - ATMEL Corporation AT93C46C-10SC-2.7 Datasheet HTML 9Page - ATMEL Corporation AT93C46C-10SC-2.7 Datasheet HTML 10Page - ATMEL Corporation AT93C46C-10SC-2.7 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AT93C46C
11
Packaging Information
.400 (10.16)
.355 (9.02)
PIN
1
.280 (7.11)
.240 (6.10)
.037 (.940)
.027 (.690)
.300 (7.62) REF
.210 (5.33) MAX
SEATING
PLANE
.100 (2.54) BSC
.015 (.380) MIN
.022 (.559)
.014 (.356)
.150 (3.81)
.115 (2.92)
.070 (1.78)
.045 (1.14)
.325 (8.26)
.300 (7.62)
0
15
REF
.430 (10.9) MAX
.012 (.305)
.008 (.203)
.020 (.508)
.013 (.330)
PIN 1
.157 (3.99)
.150 (3.81)
.244 (6.20)
.228 (5.79)
.050 (1.27) BSC
.196 (4.98)
.189 (4.80)
.068 (1.73)
.053 (1.35)
.010 (.254)
.004 (.102)
0
8
REF
.010 (.254)
.007 (.203)
.050 (1.27)
.016 (.406)
8P3, 8-Lead, 0.300" Wide, Plastic Dual Inline
Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 BA
8S1, 8-Lead, 0.150" Wide, Plastic Gull Wing Small
Outline (JEDEC SOIC)
Dimensions in Inches and (Millimeters)


Similar Part No. - AT93C46C-10SC-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
AT93C46-10 ATMEL-AT93C46-10 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
More results

Similar Description - AT93C46C-10SC-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56B ATMEL-AT93C56B_14 Datasheet
854Kb / 21P
   3-wire Serial EEPROM
AT93C66B ATMEL-AT93C66B_14 Datasheet
854Kb / 21P
   3-wire Serial EEPROM
AT93C86A ATMEL-AT93C86A Datasheet
124Kb / 16P
   3-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E_14 Datasheet
748Kb / 18P
   3-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D_14 Datasheet
805Kb / 17P
   3-wire Serial EEPROM
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC66 HOLTEK-HT93LC66_07 Datasheet
135Kb / 12P
   CMOS 4K 3-Wire Serial EEPROM
HT93LC66 HOLTEK-HT93LC66_09 Datasheet
103Kb / 12P
   CMOS 4K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
   1K 3-Wire CMOS Serial EEPROM
HT93LC66 HOLTEK-HT93LC66 Datasheet
373Kb / 10P
   4K 3-Wire CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com