Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBT2222AE6327HTSA1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SMBT2222AE6327HTSA1
Description  Low collector-emitter saturation voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT2222AE6327HTSA1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SMBT2222AE6327HTSA1 Datasheet HTML 1Page - Infineon Technologies AG SMBT2222AE6327HTSA1 Datasheet HTML 2Page - Infineon Technologies AG SMBT2222AE6327HTSA1 Datasheet HTML 3Page - Infineon Technologies AG SMBT2222AE6327HTSA1 Datasheet HTML 4Page - Infineon Technologies AG SMBT2222AE6327HTSA1 Datasheet HTML 5Page - Infineon Technologies AG SMBT2222AE6327HTSA1 Datasheet HTML 6Page - Infineon Technologies AG SMBT2222AE6327HTSA1 Datasheet HTML 7Page - Infineon Technologies AG SMBT2222AE6327HTSA1 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2011-08-19
2
SMBT2222A/MMBT2222A
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
V(BR)CEO
40
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
75
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
6
-
-
Collector-base cutoff current
VCB = 60 V, IE = 0
VCB = 60 V, IE = 0 , TA = 150 °C
ICBO
-
-
-
-
0.01
10
µA
Emitter-base cutoff current
VEB = 3 V, IC = 0
IEBO
-
-
10
nA
DC current gain1)
IC = 100 µA, VCE = 10 V
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 1 V
IC = 150 mA, VCE = 10 V
IC = 500 mA, VCE = 10 V
hFE
35
50
75
50
100
40
-
-
-
-
-
-
-
-
-
-
300
-
-
Collector-emitter saturation voltage1)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
VCEsat
-
-
-
-
0.3
1
V
Base emitter saturation voltage1)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
VBEsat
0.6
-
-
-
1.2
2
1Pulse test: t < 300µs; D < 2%


Similar Part No. - SMBT2222AE6327HTSA1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT2222A SIEMENS-SMBT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT2222A INFINEON-SMBT2222A Datasheet
210Kb / 6P
   NPN Silicon Switching Transistor
Feb-18-2002
SMBT2222A INFINEON-SMBT2222A Datasheet
83Kb / 8P
   NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
SMBT2222A INFINEON-SMBT2222A_07 Datasheet
83Kb / 8P
   NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
More results

Similar Description - SMBT2222AE6327HTSA1

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
A44 DGNJDZ-A44 Datasheet
304Kb / 1P
   Low Collector-Emitter Saturation Voltage
logo
Fairchild Semiconductor
KSB1151YSTU FAIRCHILD-KSB1151YSTU Datasheet
55Kb / 5P
   Low Collector-Emitter Saturation Voltage
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19_11 Datasheet
529Kb / 6P
   Low collector-emitter saturation voltage
2011-09-30
logo
STMicroelectronics
2STF2280 STMICROELECTRONICS-2STF2280 Datasheet
104Kb / 7P
   Low collector-emitter saturation voltage
January 2010 Rev 1
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
logo
KODENSHI_AUK CORP.
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
   Extremely low collector-to-emitter saturation voltage
DP100 KODENSHI-DP100 Datasheet
89Kb / 3P
   Extremely low collector-to-emitter saturation voltage
DN200 KODENSHI-DN200 Datasheet
176Kb / 4P
   Extremely low collector-to-emitter saturation voltage
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
   Extremely low collector-to-emitter saturation voltage
DN030S KODENSHI-DN030S Datasheet
267Kb / 4P
   Extremely low collector-to-emitter saturation voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com