Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM231LJN Datasheet(PDF) 2 Page - Analog Devices

Part # ADM231LJN
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM231LJN Datasheet(HTML) 2 Page - Analog Devices

  ADM231LJN Datasheet HTML 1Page - Analog Devices ADM231LJN Datasheet HTML 2Page - Analog Devices ADM231LJN Datasheet HTML 3Page - Analog Devices ADM231LJN Datasheet HTML 4Page - Analog Devices ADM231LJN Datasheet HTML 5Page - Analog Devices ADM231LJN Datasheet HTML 6Page - Analog Devices ADM231LJN Datasheet HTML 7Page - Analog Devices ADM231LJN Datasheet HTML 8Page - Analog Devices ADM231LJN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ........................... 5
Typical Performance Characteristics ............................................. 8
Typical Operating Circuits .............................................................. 9
General Information ...................................................................... 12
Circuit Description .................................................................... 12
Application Hints ....................................................................... 13
Outline Dimensions ....................................................................... 14
Ordering Guide .......................................................................... 17
REVISION HISTORY
4/05—Rev. B to Rev. C
Updated Format..................................................................Universal
Removed ADM223, ADM230L, and ADM235L............Universal
Changed Hysteresis Level ..................................................Universal
Changes to Specifications Table...................................................... 3
Updated Outline Dimensions ....................................................... 14
Changes to Ordering Guide .......................................................... 17
5/01—Rev. A to Rev. B
Edits to Test Conditions/Comments of Specifications................ 2
1/01—Rev. 0 to Rev. A
Removed ESD information from Features section ...................... 1
Changes to Specifications Table...................................................... 2
Removed ESD information from
Absolute Maximum Ratings section .............................................. 2
Revision 0: Initial Version


Similar Part No. - ADM231LJN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM231LJN AD-ADM231LJN Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM231LJN AD-ADM231LJN Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM231LJN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com