Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7902BRUZ1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF7902BRUZ1
Description  ISM Band FSK Receiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7902BRUZ1 Datasheet(HTML) 4 Page - Analog Devices

  ADF7902BRUZ1 Datasheet HTML 1Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 2Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 3Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 4Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 5Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 6Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 7Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 8Page - Analog Devices ADF7902BRUZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADF7902
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VBAT to GND1
−0.3 V to +6.0 V
Digital I/O Voltage to GND
−0.3 V to VBAT + 0.3 V
LNA_1, LNA_2
0 dBm
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−40°C to +125°C
Maximum Junction Temperature
125°C
TSSOP θJA Thermal Impedance
150.4°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
235°C
Infrared (15 sec)
240°C
1 GND = GND1 = GND1B = GND2 = 0 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADF7902BRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Similar Description - ADF7902BRUZ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com