Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AT90S8515 Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. AT90S8515
Description  8-Bit Microcontroller with 8K bytes In-System Programmable Flash
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

   
 3 page
background image
AT90S8515
3
Pin Descriptions
VCC
Supply voltage
GND
Ground
Port A (PA7..PA0)
Port A is an 8-bit bidirectional I/O port. Port pins can pro-
vide internal pull-up resistors (selected for each bit). The
Port A output buffers can sink 20mA and can drive LED dis-
plays directly. When pins PA0 to PA7 are used as inputs
and are externally pulled low, they will source current if the
internal pull-up resistors are activated.
Port A serves as Multiplexed Address/Data input/output
when using external SRAM.
Port B (PB7..PB0)
Port B is an 8-bit bidirectional I/O pins with internal pull-up
resistors. The Port B output buffers can sink 20 mA. As
inputs, Port B pins that are externally pulled low will source
current if the pull-up resistors are activated.
Port B also serves the functions of various special features
of the AT90S8515 as listed on page 46.
Port C (PC7..PC0)
Port C is an 8-bit bidirectional I/O port with internal pull-up
resistors. The Port C output buffers can sink 20 mA. As
inputs, Port C pins that are externally pulled low will source
current if the pull-up resistors are activated.
Port C also serves as Address output when using external
SRAM.
Port D (PD7..PD0)
Port D is an 8-bit bidirectional I/O port with internal pull-up
resistors. The Port D output buffers can sink 20 mA. As
inputs, Port D pins that are externally pulled low will source
current if the pull-up resistors are activated.
Port D also serves the functions of various special features
of the AT90S8515 as listed on page 52.
RESET
Reset input. A low on this pin for two machine cycles while
the oscillator is running resets the device.
XTAL1
Input to the inverting oscillator amplifier and input to the
internal clock operating circuit.
XTAL2
Output from the inverting oscillator amplifier
ICP
ICP is the input pin for the Timer/Counter1 Input Capture
function.
OC1B
OC1B is the output pin for the Timer/Counter1 Output
CompareB function
ALE
ALE is the Address Latch Enable used when the External
Memory is enabled. The ALE strobe is used to latch the
low-order address (8 bits) into an address latch during the
first access cycle, and the AD0-7 pins are used for data
during the second access cycle.
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an
inverting amplifier which can be configured for use as an
on-chip oscillator, as shown in Figure 2. Either a quartz
crystal or a ceramic resonator may be used. To drive the
device from an external clock source, XTAL2 should be left
unconnected while XTAL1 is driven as shown in Figure 3.
Figure 2. Oscillator Connections
Figure 3. External Clock Drive Configuration




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY258-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1288-bit Microcontroller with 128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1618-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89S528-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85358-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1638-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90PWM38-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA6038-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA323L8-bit Microcontroller with 32K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl