Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AT90S8515 Datasheet(PDF) 2 Page - ATMEL Corporation

Part No. AT90S8515
Description  8-Bit Microcontroller with 8K bytes In-System Programmable Flash
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

   
 2 page
background image
AT90S8515
2
Block Diagram
Figure 1. The AT90S8515 Block Diagram
The AT90S8515 provides the following features: 8K bytes
of In-System Programmable Flash, 512 bytes EEPROM,
512 bytes SRAM, 32 general purpose I/O lines, 32 general
purpose working registers, flexible timer/counters with
compare modes, internal and external interrupts, a pro-
grammable serial UART, programmable Watchdog Timer
with internal oscillator, an SPI serial port and two software
selectable power saving modes. The Idle Mode stops the
CPU while allowing the SRAM, timer/counters, SPI port
and interrupt system to continue functioning. The power
down mode saves the register contents but freezes the
oscillator, disabling all other chip functions until the next
interrupt or hardware reset.
The device is manufactured using Atmel’s high density
non-volatile memory technology. The on-chip in-system
programmable Flash allows the program memory to be
reprogrammed in-system through an SPI serial interface or
by a conventional nonvolatile memory programmer. By
combining an enhanced RISC 8-bit CPU with In-System
Programmable Flash on a monolithic chip, the Atmel
AT90S8515 is a powerful microcontroller that provides a
highly flexible and cost effective solution to many embed-
ded control applications.
The AT90S8515 AVR is supported with a full suite of pro-
gram and system development tools including: C compil-
ers, macro assemblers, program debugger/simulators, in-
circuit emulators, and evaluation kits.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY258-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1288-bit Microcontroller with 128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1618-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89S528-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85358-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1638-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90PWM38-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA6038-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA323L8-bit Microcontroller with 32K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl