Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8182AR-REEL7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8182AR-REEL7
Description  750 MHz, 3.8 mA 10 ns Switching Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8182AR-REEL7 Datasheet(HTML) 2 Page - Analog Devices

  AD8182AR-REEL7 Datasheet HTML 1Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
AD8180/AD8182–SPECIFICATIONS
AD8180A/AD8182A
Parameter
Conditions
Min
Typ
Max
Units
SWITCHING CHARACTERISTICS
Channel Switching Time1
Channel-to-Channel
50% Logic to 10% Output Settling
IN0 = +1 V, IN1 = –1 V; RL = 1 k
5ns
50% Logic to 90% Output Settling
IN0 = +1 V, IN1 = –1 V; RL = 1 kΩ
10
ns
50% Logic to 99.9% Output Settling
IN0 = +1 V, IN1 = –1 V; RL = 1 kΩ
14
ns
ENABLE to Channel ON Time2
SEL = 0 or 1
50% Logic to 90% Output Settling
IN0 = +1 V, –1 V or IN1 = –1 V, +1 V; RL = 1 kΩ
10.5
ns
ENABLE to Channel OFF Time2
SEL = 0 or 1
50% Logic to 90% Output Settling
IN0 = +1 V, –1 V or IN1 = –1 V, +1 V; RL = 1 kΩ
11
ns
Channel Switching Transient (Glitch)3
All Inputs Are Grounded, RL = 1 kΩ± 25 /± 35
mV
DIGITAL INPUTS
Logic “1” Voltage
SEL and
ENABLE Inputs
2.0
V
Logic “0” Voltage
SEL and
ENABLE Inputs
0.8
V
Logic “1” Input Current
SEL,
ENABLE = +4 V
10
200
nA
Logic “0” Input Current
SEL,
ENABLE = +0.4 V
2
3
µA
DYNAMIC PERFORMANCE
–3 dB Bandwidth (Small Signal)4
AD8180R
VIN = 50 mV rms, RL = 5 kΩ
750
930
MHz
–3 dB Bandwidth (Small Signal)4
AD8182R
VIN = 50 mV rms, RL = 5 kΩ
640
780
MHz
–3 dB Bandwidth (Large Signal)
AD8180R
VIN = 1 V rms, RL = 5 kΩ
120
150
MHz
–3 dB Bandwidth (Large Si
AD8182R
VIN = 1 V rms, RL = 5 k
110
135
MHz
0.1 dB Bandwidth4, 5
VIN = 50 mV rms, RL = 5 kΩ, RS = 0 Ω
100
MHz
AD8180R
VIN = 50 mV rms, RL = 1 kΩ–5 kΩ, RS = 150 Ω
210
MHz
0.1 dB Bandwidth4, 5
AD8182R
VIN = 50 mV rms, RL = 1 kΩ–5 kΩ, RS = 125 Ω
210
MHz
Slew Rate
2 V Step
750
V/
µs
Settling Time to 0.1%
2 V Step
14
ns
DISTORTION/NOISE PERFORMANCE
Differential Gain
ƒ = 3.58 MHz, RL = 1 kΩ
0.02
0.04
%
Differential Phase
ƒ = 3.58 MHz, RL = 1 kΩ
0.02
0.04
Degrees
All Hostile Crosstalk6
AD8180R
ƒ = 5 MHz, RL = 1 kΩ
–80
dB
ƒ = 30 MHz, RL = 1 k
–65
dB
All Hostile Crosstalk6
AD8182R
ƒ = 5 MHz, RL = 1 kΩ
–78
dB
ƒ = 30 MHz, RL = 1 kΩ
–63
dB
OFF Isolation
7
AD8180R
ƒ = 5 MHz, RL = 30
–89
dB
OFF Isolation7
AD8182R
ƒ = 5 MHz, RL = 30 Ω
–93
dB
Voltage Noise
ƒ = 10 kHz–30 MHz
4.5
nV/
√Hz
Total Harmonic Distortion
ƒC = 10 MHz, VO = 2 V p-p, RL = 1 kΩ
–78
dBc
DC/TRANSFER CHARACTERISTICS
Voltage Gain8
VIN = ± 1 V, RL = 2 kΩ
0.982
V/V
VIN = ± 1 V, RL = 10 kΩ
0.986
0.993
V/V
Input Offset Voltage
112
mV
TMIN to TMAX
15
mV
Input Offset Voltage Matching
Channel-to-Channel
0.5
4
mV
Input Offset Drift
11
µV/°C
Input Bias Current
15
µA
TMIN to TMAX
7
µA
Input Bias Current Drift
12
nA/
°C
INPUT CHARACTERISTICS
Input Resistance
1
2.2
M
Input Capacitance
Channel Enabled (R Package)
1.5
pF
Channel Disabled (R Package)
1.5
pF
Input Voltage Range
±3.3
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 500 Ω
9
±3.0
±3.1
V
Short Circuit Current
30
mA
Output Resistance
Enabled
27
Disabled
1
10
M
Output Capacitance
Disabled (R Package)
1.7
pF
POWER SUPPLY
Operating Range
±4
±6V
Power Supply Rejection Ratio
+PSRR
+VS = +4.5 V to +5.5 V, –VS = –5 V
54
57
dB
Power Supply Rejection Ratio
–PSRR
–VS = –4.5 V to –5.5 V, +VS = +5 V
45
51
dB
Quiescent Current
All Channels “ON”
3.8/6.8
4.5/8
mA
TMIN to TMAX
4.75/8.5
mA
All Channels “OFF”
1.3/2
2/3
mA
TMIN to TMAX
2/3
mA
AD8182, One Channel “ON”
4
mA
OPERATING TEMPERATURE RANGE
–40
+85
°C
(@ TA = +25 C, VS =
5 V, RL = 2 k
unless otherwise noted)


Similar Part No. - AD8182AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8182AR-REEL7 AD-AD8182AR-REEL7 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL7 AD-AD8182AR-REEL7 Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

Similar Description - AD8182AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com