Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8001AN Datasheet(PDF) 10 Page - Analog Devices

Part # AD8001AN
Description  800 MHz, 50 mW Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8001AN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8001AN Datasheet HTML 6Page - Analog Devices AD8001AN Datasheet HTML 7Page - Analog Devices AD8001AN Datasheet HTML 8Page - Analog Devices AD8001AN Datasheet HTML 9Page - Analog Devices AD8001AN Datasheet HTML 10Page - Analog Devices AD8001AN Datasheet HTML 11Page - Analog Devices AD8001AN Datasheet HTML 12Page - Analog Devices AD8001AN Datasheet HTML 13Page - Analog Devices AD8001AN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
REV. D
AD8001
–9–
300k
100M
10M
1M
FREQUENCY – Hz
–20
–10
–40
–30
910
VOUT
VIN
150
150
910
51
62
1G
–50
TPC 31. CMRR vs. Frequency
1
–4
–9
1M
10M
1G
100M
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY – Hz
RF = 750
RF = 649
RF = 549
G = –2
RL = 100
VIN = 50mVrms
TPC 32. –3 dB Bandwidth vs. Frequency, G = –2
TPC 33. 100 mV Step Response, G = –1
10
–20
1M
10M
100M
–10
0
20
FREQUENCY – Hz
–60
–50
–40
–30
1G
30
CURVES ARE FOR WORST-
CASE CONDITION WHERE
ONE SUPPLY IS VARIED
WHILE THE OTHER IS
HELD CONSTANT.
RF = 909
G = +2
–PSRR
+PSRR
–PSRR
+PSRR
TPC 34. PSRR vs. Frequency
TPC 35. 2 V Step Response, G = –1
3
–4
–5
2
1
0
–1
–2
–3
5
4
100
20
0
10
80
90
70
60
50
40
30
100
20
0
10
80
90
70
60
50
40
30
INPUT OFFSET VOLTAGE – mV
3 WAFER LOTS
COUNT = 895
MEAN = 1.37
STD DEV = 1.13
MIN = –2.45
MAX = +4.69
FREQ DIST
CUMULATIVE
TPC 36. Input Offset Voltage Distribution


Similar Part No. - AD8001AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001AN AD-AD8001AN Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AN AD-AD8001AN Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AN AD-AD8001AN Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

Similar Description - AD8001AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com