Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP15U50S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSP15U50S
Description  Trench MOS Barrier Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSP15U50S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSP15U50S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSP15U50S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSP15U50S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
Note : For SMPC: Packing code (Whole series with green compound)
PART NO.
TSP15U50S
(TA=25
oC unless otherwise noted)
Document Number:DS_D1309033
Version:A13
PACKING CODE
ORDERING INFORMATION
Green compound
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
PACKING
TSP15U50S
S1
Suffix "G"
GREEN COMPOUND
CODE
TSP15U50S
Taiwan Semiconductor
PACKAGE
SMPC
1500/ 7" Plastic reel
EXAMPLE
RATINGS AND CHATACTERISTICS CURVES
6000/ 13" Plastic reel
TSP15U50S S1G
S1
G
S2
SMPC
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
TJ=25oC
TJ=100oC
TJ=125oC
100
1000
10000
0.1
1
10
100
f=1.0MHz
Vsig=50mVp-p
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
TJ=25oC
TJ=125oC
TJ=150oC
TJ=100oC
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
0
5
10
15
20
0
25
50
75
100
125
150
WITH HEATSINK
30mm x 30mm 4 oz.
pad PCB
FIG.1 FORWARD CURRENT DERATING CURVE
FIG. 4 TYPICAL JUNCTION CAPACITANCE
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
CASE TEMPERATURE (oC)
FORWARD VOLTAGE (V)
REVERSE VOLTAGE (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)


Similar Part No. - TSP15U50S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSP15U50S TSC-TSP15U50S Datasheet
195Kb / 4P
   Trench Schottky Rectifier
logo
Thinki Semiconductor Co...
TSP15U50S THINKISEMI-TSP15U50S Datasheet
1Mb / 3P
   15 Ampere,50 Volt Trench Process Low Vf Schottky Barrier Rectifier
Rev.12T
logo
Taiwan Semiconductor Co...
TSP15U50S TSC-TSP15U50S_15 Datasheet
195Kb / 4P
   Trench Schottky Rectifier
More results

Similar Description - TSP15U50S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May-12
logo
DONGGUAN YOU FENG WEI E...
8A45-DO-201AD YFWDIODE-8A45-DO-201AD Datasheet
1,012Kb / 3P
   Trench MOS Barrier Schottky Rectifier
8L45-DO-201AD YFWDIODE-8L45-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
3L40-DO-201AD YFWDIODE-3L40-DO-201AD Datasheet
829Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L80-DO-201AD YFWDIODE-10L80-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 08-Sep-09
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
logo
DONGGUAN YOU FENG WEI E...
10V150SP YFWDIODE-10V150SP Datasheet
838Kb / 3P
   Trench MOS Barrier Schottky Rectifier
15L45SC YFWDIODE-15L45SC Datasheet
731Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com