Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT90S2323 Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT90S2323
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT90S2323 Datasheet(HTML) 4 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
AT90S/LS2323/2343
1004D–09/01
chip, the Atmel AT90S2323/2343 is a powerful microcontroller that provides a highly
flexible and cost-effective solution to many embedded control applications.
The AT90S2323/2343 AVR is supported with a full suite of program and system devel-
opment tools including: C compilers, macro assemblers, program debugger/simulators,
in-circuit emulators and evaluation kits.
Comparison between
AT90S/LS2323 and
AT90S/LS2343
The AT90S/LS2323 is intended for use with external quartz crystal or ceramic resonator
as the clock source. The start-up time is fuse-selectable as either 1 ms (suitable for
ceramic resonator) or 16 ms (suitable for crystal). The device has three I/O pins.
The AT90S/LS2343 is intended for use with either an external clock source or the inter-
nal RC oscillator as clock source. The device has five I/O pins.
Table 1 summarizes the differences in features of the two devices.
Pin Descriptions
AT90S/LS2323
VCC
Supply voltage pin.
GND
Ground pin.
Port B (PB2..PB0)
Port B is a 3-bit bi-directional I/O port with internal pull-up resistors. The Port B output
buffers can sink 20 mA. As inputs, Port B pins that are externally pulled low, will source
current if the pull-up resistors are activated.
Port B also serves the functions of various special features.
Port pins can provide internal pull-up resistors (selected for each bit). The Port B pins
are tri-stated when a reset condition becomes active.
RESET
Reset input. An external reset is generated by a low level on the RESET pin. Reset
pulses longer than 50 ns will generate a reset, even if the clock is not running. Shorter
pulses are not guaranteed to generate a reset.
XTAL1
Input to the inverting oscillator amplifier and input to the internal clock operating circuit.
XTAL2
Output from the inverting oscillator amplifier.
Table 1. Feature Difference Summary
Part
AT90S/LS2323
AT90S/LS2343
On-chip Oscillator Amplifier
yes
no
Internal RC Clock
no
yes
PB3 available as I/O pin
never
internal clock mode
PB4 available as I/O pin
never
always
Start-up time
1 ms/16 ms
16 µs fixed


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn