Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S2323 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT90S2323
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2323 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT90S2323 Datasheet HTML 24Page - ATMEL Corporation AT90S2323 Datasheet HTML 25Page - ATMEL Corporation AT90S2323 Datasheet HTML 26Page - ATMEL Corporation AT90S2323 Datasheet HTML 27Page - ATMEL Corporation AT90S2323 Datasheet HTML 28Page - ATMEL Corporation AT90S2323 Datasheet HTML 29Page - ATMEL Corporation AT90S2323 Datasheet HTML 30Page - ATMEL Corporation AT90S2323 Datasheet HTML 31Page - ATMEL Corporation AT90S2323 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
28
AT90S/LS2323/2343
1004D–09/01
Timer/Counter
The AT90S2323/2343 provides one general-purpose 8-bit Timer/Counter –
Timer/Counter0. The Timer/Counter has prescaling selection from the 10-bit prescaling
timer. The Timer/Counter can be used either as a timer with an internal clock time base
or as a counter with an external pin connection that triggers the counting.
Timer/Counter Prescaler
Figure 29 shows the Timer/Counter prescaler.
Figure 29. Timer/Counter0 Prescaler
The four different prescaled selections are: CK/8, CK/64, CK/256 and CK/1024, where
CK is the oscillator clock. CK, external source and stop can also be selected as clock
sources.
8-bit Timer/Counter0
Figure 30 shows the block diagram for Timer/Counter0.
The 8-bit Timer/Counter0 can select clock source from CK, prescaled CK or an external
pin. In addition, it can be stopped as described in the specification for the
Timer/Counter0 Control Register (TCCR0). The overflow status flag is found in the
Timer/Counter Interrupt Flag Register (TIFR). Control signals are found in the
Timer/Counter0 Control Register (TCCR0). The interrupt enable/disable settings for
Timer/Counter0 are found in the Timer/Counter Interrupt Mask Register (TIMSK).
When Timer/Counter0 is externally clocked, the external signal is synchronized with the
oscillator frequency of the CPU. To ensure proper sampling of the external clock, the
minimum time between two external clock transitions must be at least one internal CPU
clock period. The external clock signal is sampled on the rising edge of the internal CPU
clock.
The 8-bit Timer/Counter0 features both a high-resolution and a high-accuracy usage
with the lower prescaling opportunities. Similarly, the high prescaling opportunities make
the Timer/Counter0 useful for lower speed functions or exact timing functions with infre-
quent actions.
10-BIT T/C PRESCALER
0
TIMER/COUNTER0 CLOCK SOURCE
TCK0
CK
T0
CS00
CS01
CS02


Similar Part No. - AT90S2323

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2323 ATMEL-AT90S2323 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S2323 ATMEL-AT90S2323_14 Datasheet
1Mb / 64P
   Data and Nonvolatile Program Memory
More results

Similar Description - AT90S2323

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313_02 Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com