Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD574AU Datasheet(PDF) 7 Page - Analog Devices

Part # AD574AU
Description  Complete 12-Bit A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD574AU Datasheet(HTML) 7 Page - Analog Devices

Back Button AD574AU Datasheet HTML 3Page - Analog Devices AD574AU Datasheet HTML 4Page - Analog Devices AD574AU Datasheet HTML 5Page - Analog Devices AD574AU Datasheet HTML 6Page - Analog Devices AD574AU Datasheet HTML 7Page - Analog Devices AD574AU Datasheet HTML 8Page - Analog Devices AD574AU Datasheet HTML 9Page - Analog Devices AD574AU Datasheet HTML 10Page - Analog Devices AD574AU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD574A
REV. B
–7–
A
8
10
13
12
3
15
4
9
A2
AD574A
27
16
12-BIT
3-STATE
DATA
+
C3
C1
C2
+
+
+15V
+5V
–15V
+VS
TO A1
–VS
TO A1
14 13 12 11 10
9
8
12
345
6
7
A
R4
100k
+15V
–15V
R1
100k
OFFSET
R3
100
7404 OR EQ.
CONVERT
STATUS
GAIN
R2
100
VREF
AGND
+VS
–VS
ANALOG
INPUT
0V TO +10V
10k 10k
100pF
A1
AD585
17
6
2
11
NOTE
1. C1, C2, C3 ARE 47 F TANTALUM, BYPASSED BY
0.1 F CERAMIC. LOCATE AT ASSOCIATED A2 PINS.
µ
µ
28
5
Figure 3. AD574A with AD585 Sample and Hold
SUPPLY DECOUPLING AND LAYOUT
CONSIDERATIONS
It is critically important that the AD574A power supplies be fil-
tered, well regulated, and free from high frequency noise. Use of
noisy supplies will cause unstable output codes. Switching
power supplies are not recommended for circuits attempting to
achieve 12-bit accuracy unless great care is used in filtering any
switching spikes present in the output. Remember that a few
millivolts of noise represents several counts of error in a 12-bit
ADC.
Decoupling capacitors should be used on all power supply pins;
the +5 V supply decoupling capacitor should be connected
directly from Pin 1 to Pin 15 (digital common) and the +VCC
and –VEE pins should be decoupled directly to analog common
(Pin 9). A suitable decoupling capacitor is a 4.7
µF tantalum
type in parallel with a 0.1
µF disc ceramic type.
Circuit layout should attempt to locate the AD574A, associated
analog input circuitry, and interconnections as far as possible
from logic circuitry. For this reason, the use of wire-wrap circuit
construction is not recommended. Careful printed circuit con-
struction is preferred.
GROUNDING CONSIDERATIONS
The analog common at Pin 9 is the ground reference point for
the internal reference and is thus the “high quality” ground for
the AD574A; it should be connected directly to the analog refer-
ence point of the system. In order to achieve all of the high
accuracy performance available from the AD574A in an envi-
ronment of high digital noise content, the analog and digital
commons should be connected together at the package. In some
situations, the digital common at Pin 15 can be connected to
the most convenient ground reference point; analog power
return is preferred.
UNIPOLAR RANGE CONNECTIONS FOR THE AD574A
The AD574A contains all the active components required to
perform a complete 12-bit A/D conversion. Thus, for most situ-
ations, all that is necessary is connection of the power supplies
(+5 V, +12 V/+15 V and –12 V/–15 V), the analog input, and
the conversion initiation command, as discussed on the next
page. Analog input connections and calibration are easily ac-
complished; the unipolar operating mode is shown in Figure 4.
9
14
13
12
8
10
6
5
4
3
2
28
15
11
7
1
27
24
19
16
23
20
AD574A
STS
HIGH
BIT
MIDDLE
BITS
LOW
BITS
+5V
+15V
–15V
DIG COM
12/8
CS
AO
R/C
CE
REF IN
REF OUT
BIP OFF
10VIN
20VIN
ANA COM
OFFSET
R1
100k
–12V/–15V
+12V/+15V
GAIN
100k
R2
100
100
ANALOG
INPUTS
0 TO +10V
0 TO +20V
Figure 4. Unipolar Input Connections
All of the thin-film application resistors of the AD574A are
trimmed for absolute calibration. Therefore, in many applica-
tions, no calibration trimming will be required. The absolute
accuracy for each grade is given in the specification tables.
For example, if no trims are used, the AD574AK guarantees
±1 LSB max zero offset error and ±0.25% (10 LSB) max
full-scale error. (Typical full-scale error is
±2 LSB.) If the offset
trim is not required, Pin 12 can be connected directly to Pin 9;
the two resistors and trimmer for Pin 12 are then not needed. If
the full-scale trim is not needed, a 50
Ω ± 1% metal film resistor
should be connected between Pin 8 and Pin 10.
The analog input is connected between Pin 13 and Pin 9 for a
0 V to +10 V input range, between 14 and Pin 9 for a 0 V to
+20 V input range. The AD574A easily accommodates an input
signal beyond the supplies. For the 10 volt span input, the LSB
has a nominal value of 2.44 mV; for the 20 volt span, 4.88 mV.
If a 10.24 V range is desired (nominal 2.5 mV/bit), the gain
trimmer (R2) should be replaced by a 50
Ω resistor, and a
200
Ω trimmer inserted in series with the analog input to Pin 13
for a full-scale range of 20.48 V (5 mV/bit), use a 500
Ω trim-
mer into Pin 14. The gain trim described below is now done
with these trimmers. The nominal input impedance into Pin 13
is 5 k
Ω, and 10 kΩ into Pin 14.
UNIPOLAR CALIBRATION
The AD574A is intended to have a nominal 1/2 LSB offset so
that the exact analog input for a given code will be in the middle
of that code (halfway between the transitions to the codes above
and below it). Thus, the first transition (from 0000 0000 0000
to 0000 0000 0001) will occur for an input level of +1/2 LSB
(1.22 mV for 10 V range).
If Pin 12 is connected to Pin 9, the unit will behave in this man-
ner, within specifications. If the offset trim (R1) is used, it
should be trimmed as above, although a different offset can be
set for a particular system requirement. This circuit will give ap-
proximately
±15 mV of offset trim range.


Similar Part No. - AD574AU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD574AU AD-AD574AU Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AU AD-AD574AU Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AU AD-AD574AU Datasheet
781Kb / 12P
   Complete 12-Bit Converter
REV. B
AD574AU AD-AD574AU Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AU AD-AD574AU Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
More results

Similar Description - AD574AU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD574AKD AD-AD574AKD Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJDZ AD-AD574AJDZ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574A AD-AD574A Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AUD AD-AD574AUD Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJPZ AD-AD574AJPZ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574A AD-AD574A_15 Datasheet
781Kb / 12P
   COMPLETE 12 BIT A/D CONVERTER
REV. B
AD574ATD-883B AD-AD574ATD-883B Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD370 AD-AD370_15 Datasheet
1Mb / 5P
   COMPLETE LOW POWER 12 BIT D/A CONVERTER
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com