Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AT90S2313 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT90S2313
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

   
 1 page
background image
1
Features
AVR® - High Performance and Low Power RISC Architecture
118 Powerful Instructions - Most Single Clock Cycle Execution
2K bytes of In-System Reprogrammable Flash
– SPI Serial Interface for Program Downloading
– Endurance: 1,000 Write/Erase Cycles
128 bytes EEPROM
– Endurance: 100,000 Write/Erase Cycles
128 bytes Internal RAM
32 x 8 General Purpose Working Registers
15 Programmable I/O Lines
V
CC: 2.7 - 6.0V
Fully Static Operation
– 0 - 10 MHz, 4.0 - 6.0V
– 0 - 4 MHz, 2.7 - 6.0V
Up to 10 MIPS Throughput at 10 MHz
One 8-Bit Timer/Counter with Separate Prescaler
One 16-Bit Timer/Counter with Separate Prescaler
and Compare and Capture Modes
Full Duplex UART
Selectable 8, 9 or 10 bit PWM
External and Internal Interrupt Sources
Programmable Watchdog Timer with On-Chip Oscillator
On-Chip Analog Comparator
Low Power Idle and Power Down Modes
Programming Lock for Software Security
20-Pin Device
Description
The AT90S2313 is a low-power CMOS 8-bit microcontroller based on the AVR
enhanced RISC architecture. By executing powerful instructions in a single clock
cycle, the AT90S2313 achieves throughputs approaching 1 MIPS per MHz allowing
the system designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working regis-
ters. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU),
allowing two independent registers to be accessed in one single instruction executed
in one clock cycle. The resulting architecture is more code efficient while achieving
throughputs up to ten times faster than conventional CISC microcontrollers.
(continued)
Pin Configuration
Rev. 0839DS–07/98
8-Bit
Microcontroller
with 2K bytes
In-System
Programmable
Flash
AT90S2313
Note: This is a summary document. For the complete 68 page
datasheet, please visit our web site at
www.atmel.com or e-
mail at
literature@atmel.com and request literature #0839D.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY258-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1288-bit Microcontroller with 128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1618-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89S528-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85358-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1638-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90PWM38-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA6038-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA323L8-bit Microcontroller with 32K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl