Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AT90S2313 Datasheet(PDF) 8 Page - ATMEL Corporation

Part No. AT90S2313
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

   
 8 page
background image
AT90S2313
8
Mnemonics
Operands
Description
Operation
Flags
#Clocks
DATA TRANSFER INSTRUCTIONS
MOV
Rd, Rr
Move Between Registers
Rd
Rr
None
1
LDI
Rd, K
Load Immediate
Rd
KNone
1
LD
Rd, X
Load Indirect
Rd
(X)
None
2
LD
Rd, X+
Load Indirect and Post-Inc.
Rd
(X), X X + 1
None
2
LD
Rd, - X
Load Indirect and Pre-Dec.
X
X 1, Rd (X)
None
2
LD
Rd, Y
Load Indirect
Rd
(Y)
None
2
LD
Rd, Y+
Load Indirect and Post-Inc.
Rd
(Y), Y Y + 1
None
2
LD
Rd, - Y
Load Indirect and Pre-Dec.
Y
Y 1, Rd (Y)
None
2
LDD
Rd,Y+q
Load Indirect with Displacement
Rd
(Y + q)
None
2
LD
Rd, Z
Load Indirect
Rd
(Z)
None
2
LD
Rd, Z+
Load Indirect and Post-Inc.
Rd
(Z), Z Z+1
None
2
LD
Rd, -Z
Load Indirect and Pre-Dec.
Z
Z - 1, Rd (Z)
None
2
LDD
Rd, Z+q
Load Indirect with Displacement
Rd
(Z + q)
None
2
LDS
Rd, k
Load Direct from SRAM
Rd
(k)
None
2
ST
X, Rr
Store Indirect
(X)
Rr
None
2
ST
X+, Rr
Store Indirect and Post-Inc.
(X)
Rr, X X + 1
None
2
ST
- X, Rr
Store Indirect and Pre-Dec.
X
X - 1, (X) Rr
None
2
ST
Y, Rr
Store Indirect
(Y)
Rr
None
2
ST
Y+, Rr
Store Indirect and Post-Inc.
(Y)
Rr, Y Y + 1
None
2
ST
- Y, Rr
Store Indirect and Pre-Dec.
Y
Y - 1, (Y) Rr
None
2
STD
Y+q,Rr
Store Indirect with Displacement
(Y + q)
Rr
None
2
ST
Z, Rr
Store Indirect
(Z)
Rr
None
2
ST
Z+, Rr
Store Indirect and Post-Inc.
(Z)
Rr, Z Z + 1
None
2
ST
-Z, Rr
Store Indirect and Pre-Dec.
Z
Z - 1, (Z) Rr
None
2
STD
Z+q,Rr
Store Indirect with Displacement
(Z + q)
Rr
None
2
STS
k, Rr
Store Direct to SRAM
(k)
Rr
None
2
LPM
Load Program Memory
R0
(Z)
None
3
IN
Rd, P
In Port
Rd
PNone
1
OUT
P, Rr
Out Port
P
Rr
None
1
PUSH
Rr
Push Register on Stack
STACK
Rr
None
2
POP
Rd
Pop Register from Stack
Rd
STACK
None
2
BIT AND BIT-TEST INSTRUCTIONS
SBI
P,b
Set Bit in I/O Register
I/O(P,b)
1None
2
CBI
P,b
Clear Bit in I/O Register
I/O(P,b)
0None
2
LSL
Rd
Logical Shift Left
Rd(n+1)
Rd(n), Rd(0) 0
Z,C,N,V
1
LSR
Rd
Logical Shift Right
Rd(n)
Rd(n+1), Rd(7) 0
Z,C,N,V
1
ROL
Rd
Rotate Left Through Carry
Rd(0)
C,Rd(n+1)Rd(n),CRd(7)
Z,C,N,V
1
ROR
Rd
Rotate Right Through Carry
Rd(7)
C,Rd(n)Rd(n+1),CRd(0)
Z,C,N,V
1
ASR
Rd
Arithmetic Shift Right
Rd(n)
Rd(n+1), n=0..6
Z,C,N,V
1
SWAP
Rd
Swap Nibbles
Rd(3..0)
Rd(7..4),Rd(7..4)Rd(3..0)
None
1
BSET
s
Flag Set
SREG(s)
1
SREG(s)
1
BCLR
s
Flag Clear
SREG(s)
0
SREG(s)
1
BST
Rr, b
Bit Store from Register to T
T
Rr(b)
T
1
BLD
Rd, b
Bit load from T to Register
Rd(b)
TNone
1
SEC
Set Carry
C
1C
1
CLC
Clear Carry
C
0
C
1
SEN
Set Negative Flag
N
1N
1
CLN
Clear Negative Flag
N
0
N
1
SEZ
Set Zero Flag
Z
1Z
1
CLZ
Clear Zero Flag
Z
0
Z
1
SEI
Global Interrupt Enable
I
1I
1
CLI
Global Interrupt Disable
I
0
I
1
SES
Set Signed Test Flag
S
1S
1
CLS
Clear Signed Test Flag
S
0
S
1
SEV
Set Twos Complement Overflow
V
1V
1
CLV
Clear Twos Complement Overflow
V
0
V
1
SET
Set T in SREG
T
1T
1
CLT
Clear T in SREG
T
0
T
1
SEH
Set Half Carry Flag in SREG
H
1H
1
CLH
Clear Half Carry Flag in SREG
H
0
H
1
NOP
No Operation
None
1
SLEEP
Sleep
(see specific descr. for Sleep function)
None
3
WDR
Watchdog Reset
(see specific descr. for WDR/timer)
None
1




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY258-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1288-bit Microcontroller with 128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1618-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89S528-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85358-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA1638-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90PWM38-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA6038-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA323L8-bit Microcontroller with 32K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl