Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL31B225KBH4PNE Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CL31B225KBH4PNE
Description  Specification of Automotive MLCC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31B225KBH4PNE Datasheet(HTML) 2 Page - Samsung semiconductor

  CL31B225KBH4PNE Datasheet HTML 1Page - Samsung semiconductor CL31B225KBH4PNE Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
External Visual
No abnormal exterior appearance
Microscope (´10)
Physical Dimensions
Within the specified dimensions
Using The calipers
Mechanical Shock
Three shocks in each direction should be applied along
Capacitance Change : Within ±10%
3 mutually perpendicular axes of the test specimen (18 shocks)
Tan δ, IR : initial spec.
Vibration
5g's for 20min., 12cycles each of 3 orientations,
Capacitance Change : Within ±10%
Use 8"×5" PCB 0.031" Thick 7 secure points on one long side
Tan δ, IR : initial spec.
and 2 secure points at corners of opposite sides. Parts mounted
within 2" from any secure point. Test from 10~2000㎐.
Resistance to
Solder pot : 260±5℃, 10±1sec.
Solder Heat
Capacitance Change : Within ±10%
Tan δ, IR : initial spec.
Thermal Shock
-55℃/+125℃.
Capacitance Change : Within ±10%
Note: Number of cycles required-300,
Tan δ, IR : initial spec.
Maximum transfer time-20 sec, Dwell time-15min. Air-Air
ESD
AEC-Q200-002
Capacitance Change : Within ±10%
Tan δ, IR : initial spec.
Solderability
95% of the terminations is to be soldered
a) Preheat at 155℃ for 4 hours, Immerse in solder for 5s at 245±5℃
ldti
l
b) St
i
f
8 h
I
i
ld
f
5
t 245 5℃
Velocity
Performance
Test condition
Duration
Wave
Appearance : No abnormal exterior appearance
Appearance : No abnormal exterior appearance
Appearance : No abnormal exterior appearance
1,500G
Peakvalue
Appearance : No abnormal exterior appearance
0.5ms
Half sine
4.7m/sec.
Appearance : No abnormal exterior appearance
evenly and continuously
b) Steam aging for 8 hours, Immerse in solder for 5s at 245±5℃
c) Steam aging for 8 hours, Immerse in solder for 120s at 260±5℃
solder : a solution ethanol and rosin
Electrical
Capacitance : Within specified tolerance
The Capacitance /D.F. should be measured at 25℃,
Characterization
Tan δ (DF) : 0.025 max.
1㎑±10%, 1.0±0.2Vrms
IR(25℃) : More than 10,000㏁ or 500㏁×㎌
I.R. should be measured with a DC voltage not exceeding
IR(125℃) : More than1,000㏁ or 10㏁×㎌
Rated Voltage @25℃, @125℃ for 60~120 sec.
Whichever is Smaller
Dielectric Strength
Dielectric Strength : 250% of the rated voltage for 1~5 seconds
Board Flex
Bending to the limit (2㎜) for 5 seconds
Capacitance Change : Within ±10%
Terminal
18N, for 60±1 sec.
Strength(SMD)
Capacitance Change : Within ±10%
Beam Load
Destruction value should not be exceed
Beam speed
Chip Length ≥ 3.2㎜
2.5±0.25㎜/sec
a) Chip Thickness < 1.25㎜ : 15N
b) Chip Thickness ≥ 1.25㎜ : 54.5N
Temperature
X7R
Characteristics
(From -55℃ to 125℃, Capacitance change should be within ±15%)
C. Recommended Soldering method :
Reflow ( Reflow Peak Temperature : 260+0/-5℃, 10sec. Max )
Meet IPC/JEDEC J-STD-020 D Standard
* For the more detail Specification, Please refer to the Samsung MLCC catalogue.
Appearance : No abnormal exterior appearance
Appearance : No abnormal exterior appearance


Similar Part No. - CL31B225KBH4PNE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B225KBHNNN SAMSUNG-CL31B225KBHNNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
More results

Similar Description - CL31B225KBH4PNE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
   Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
06031C471K4T2A AVX-06031C471K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com