Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIL10Y6R8M Datasheet(PDF) 3 Page - Samsung semiconductor

Part # CIL10Y6R8M
Description  Chip Inductor CIL Series General Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIL10Y6R8M Datasheet(HTML) 3 Page - Samsung semiconductor

  CIL10Y6R8M Datasheet HTML 1Page - Samsung semiconductor CIL10Y6R8M Datasheet HTML 2Page - Samsung semiconductor CIL10Y6R8M Datasheet HTML 3Page - Samsung semiconductor CIL10Y6R8M Datasheet HTML 4Page - Samsung semiconductor CIL10Y6R8M Datasheet HTML 5Page - Samsung semiconductor CIL10Y6R8M Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part No.
Thickness
(mm)
Inductance
(
μH)
Q
Min.
DC
resistance
(
Ω) Max.
Rated
current
(mA) Max.
L, Q test
frequency
(MHZ)
SRF
(MHZ)
Min.
CIL 21N 47N
CIL 21N 68N
CIL 21N 82N
CIL 21N R10
CIL 21N R12
CIL 21N R15
CIL 21N R18
CIL 21N R22
CIL 21N R27
CIL 21N R33
CIL 21N R39
CIL 21N R47
CIL 21N R56
CIL 21N R68
CIL 21N R82
CIL 21J 1R0
CIL 21J 1R2
CIL 21J 1R5
CIL 21J 1R8
CIL 21J 2R2
CIL 21J 2R7
CIL 21J 3R3
CIL 21J 3R9
CIL 21J 4R7
CIL 21Y 5R6
CIL 21Y 6R8
CIL 21Y 8R2
CIL 21Y 100
CIL 21Y 120
CIL 21S 150
CIL 21S 180
CIL 21S 220
CIL 21S 270
CIL 21S 330
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
0.85
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.25
±0.2
0.047
±20%, 10%
0.068
±20%, 10%
0.082
±20%, 10%
0.10
±20%, 10%
0.12
±20%, 10%
0.15
±20%, 10%
0.18
±20%, 10%
0.22
±20%, 10%
0.27
±20%, 10%
0.33
±20%, 10%
0.39
±20%, 10%
0.47
±20%, 10%
0.56
±20%, 10%
0.68
±20%, 10%
0.82
±20%, 10%
1.0
±20%, 10%
1.2
±20%, 10%
1.5
±20%, 10%
1.8
±20%, 10%
2.2
±20%, 10%
2.7
±20%, 10%
3.3
±20%, 10%
3.9
±20%, 10%
4.7
±20%, 10%
5.6
±20%, 10%
6.8
±20%, 10%
8.2
±20%, 10%
10.0
±20%, 10%
12.0
±20%, 10%
15.0
±20%, 10%
18.0
±20%, 10%
22.0
±20%, 10%
27.0
±20%, 10%
33.0
±20%, 10%
15
15
15
20
20
20
20
20
20
20
25
25
25
25
25
45
45
45
45
45
45
45
45
45
50
50
50
50
50
30
30
30
30
30
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
10
10
10
10
10
10
10
10
10
4
4
4
2
2
1
1
1
1
0.4
320
280
255
235
220
200
185
170
150
145
135
125
115
105
100
75
65
60
55
50
45
41
38
35
32
29
26
24
22
19
18
16
14
13
0.20
0.20
0.20
0.20
0.20
0.25
0.25
0.30
0.30
0.30
0.40
0.40
0.50
0.50
0.60
0.30
0.40
0.40
0.40
0.50
0.60
0.60
0.80
0.90
0.50
0.60
0.70
0.80
0.90
0.80
0.90
1.10
1.15
1.25
300
300
300
250
250
250
250
250
250
250
200
200
150
150
150
50
50
50
50
30
30
30
30
30
25
15
15
15
15
5
5
5
5
5
: Tolerance (K : ±10%, M : ±20%)
Test equipment : Agilent 4291B+16193A
CIL 2012(0805) Type


Similar Part No. - CIL10Y6R8M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL10Y6R8M SAMSUNG-CIL10Y6R8M Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
More results

Similar Description - CIL10Y6R8M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL10J1R5KNC SAMSUNG-CIL10J1R5KNC Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
CIL21J1R0KNE SAMSUNG-CIL21J1R0KNE Datasheet
793Kb / 6P
   Chip Inductor; CIL Series
logo
Murata Manufacturing Co...
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH43MN1R0M03L MURATA-LQH43MN1R0M03L Datasheet
70Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com