Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM10F121 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CIM10F121
Description  Chip Bead For EMI Suppression
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM10F121 Datasheet(HTML) 2 Page - Samsung semiconductor

  CIM10F121 Datasheet HTML 1Page - Samsung semiconductor CIM10F121 Datasheet HTML 2Page - Samsung semiconductor CIM10F121 Datasheet HTML 3Page - Samsung semiconductor CIM10F121 Datasheet HTML 4Page - Samsung semiconductor CIM10F121 Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ver 201208
CHARACTERISTIC DATA
Part no.
Thickness
(mm)
Impedance
(
Ω)±25%@100MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIM10J301
0.8±0.15
300
0.35
400
CIM10J471
0.8±0.15
470
0.35
300
CIM10J601
0.8±0.15
600
0.45
300
CIM10J751
0.8±0.15
750
0.50
300
CIM10J102
0.8±0.15
1000
0.60
250
CIM10J152
0.8±0.15
1500
0.70
250
CIM10J252
0.8±0.15
2500
1.50
200
CIM10K152
0.8±0.15
1500
0.80
250
CIM10K202
0.8±0.15
2000
1.00
200
CIM10K252
0.8±0.15
2500
1.20
200
CIM10N700
0.8±0.15
70
0.30
500
CIM10N121
0.8±0.15
120
0.45
400
CIM10N241
0.8±0.15
240
0.60
300
CIM10F470
0.8±0.15
47
0.25
550
CIM10F600
0.8±0.15
60
0.25
550
CIM10F121
0.8±0.15
120
0.30
500
CIM10F331
0.8±0.15
330
0.58
400
CIM10F471
0.8±0.15
470
0.85
300


Similar Part No. - CIM10F121

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM10J301NC SAMSUNG-CIM10J301NC Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
More results

Similar Description - CIM10F121

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIB21P260NE SAMSUNG-CIB21P260NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM31U601NE SAMSUNG-CIM31U601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series For EMI Suppression
CIB32P600NE SAMSUNG-CIB32P600NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM10J301NC SAMSUNG-CIM10J301NC Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
74279203 WURTH-74279203 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279205 WURTH-74279205 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74270033 WURTH-74270033 Datasheet
408Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270034 WURTH-74270034 Datasheet
415Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270054 WURTH-74270054 Datasheet
400Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com