Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM05F220 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # CIM05F220
Description  Chip Bead CIB/CIM Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM05F220 Datasheet(HTML) 3 Page - Samsung semiconductor

  CIM05F220 Datasheet HTML 1Page - Samsung semiconductor CIM05F220 Datasheet HTML 2Page - Samsung semiconductor CIM05F220 Datasheet HTML 3Page - Samsung semiconductor CIM05F220 Datasheet HTML 4Page - Samsung semiconductor CIM05F220 Datasheet HTML 5Page - Samsung semiconductor CIM05F220 Datasheet HTML 6Page - Samsung semiconductor CIM05F220 Datasheet HTML 7Page - Samsung semiconductor CIM05F220 Datasheet HTML 8Page - Samsung semiconductor CIM05F220 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIM 05U 100
CIM 05U 300
CIM 05U 600
CIM 05U 800
CIM 05U 121
CIM 05U 221
CIM 05U 241
CIM 05U 301
CIM 05U 471
CIM 05U 601
CIM 05U 102
CIM 05 J 300
CIM 05 J 600
CIM 05 J 800
CIM 05 J 121
CIM 05 J 221
CIM 05 J 241
CIM 05 J 301
CIM 05 J 471
CIM 05 J 601
CIM 05 J 102
CIM 05 J 152
CIM 05 J 182
CIM 05 N 750
CIM 05 N 121
CIM 05 N 221
CIM 05 F 050
CIM 05 F 100
CIM 05 F 220
CIM 05 F 470
CIM 05 F 750
CIM 05 F 121
CIM 05 F 221
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
10
30
60
80
120
220
240
300
470
600
1000
30
60
80
120
220
240
300
470
600
1000
1500
1800
75
120
220
5
10
22
47
75
120
220
0.05
0.10
0.15
0.20
0.25
0.35
0.35
0.45
0.55
0.60
1.00
0.20
0.20
0.25
0.30
0.35
0.35
0.45
0.55
0.60
0.80
1.00
1.40
0.35
0.55
0.80
0.08
0.10
0.20
0.35
0.40
0.55
0.80
1200
700
600
600
500
400
400
400
300
300
200
700
600
600
500
400
400
400
300
300
250
250
100
300
300
200
500
300
300
300
300
300
200
CIM 1005(0402) Type


Similar Part No. - CIM05F220

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM05F220 SAMSUNG-CIM05F220 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
More results

Similar Description - CIM05F220

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM21J601NE SAMSUNG-CIM21J601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series
CIB21P260NE SAMSUNG-CIB21P260NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM31U601NE SAMSUNG-CIM31U601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series For EMI Suppression
CIB32P600NE SAMSUNG-CIB32P600NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM10J301NC SAMSUNG-CIM10J301NC Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
logo
Powerex Power Semicondu...
CP10TD1-24A POWEREX-CP10TD1-24A Datasheet
336Kb / 6P
   DIP-CIB
logo
Bourns Electronic Solut...
MH2029_MDS BOURNS-MH2029_MDS Datasheet
232Kb / 1P
   Ferrite Chip Bead Series
MH4516_MDS BOURNS-MH4516_MDS Datasheet
214Kb / 1P
   Ferrite Chip Bead Series
MH1608_MDS BOURNS-MH1608_MDS Datasheet
214Kb / 1P
   Ferrite Chip Bead Series
MH3261_MDS BOURNS-MH3261_MDS Datasheet
217Kb / 1P
   Ferrite Chip Bead Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com