Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL21A476MQYNNNE Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CL21A476MQYNNNE
Description  SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL21A476MQYNNNE Datasheet(HTML) 2 Page - Samsung semiconductor

  CL21A476MQYNNNE Datasheet HTML 1Page - Samsung semiconductor CL21A476MQYNNNE Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vibration Test
Capacitance change :
within ±5%
Amplitude : 1.5mm
Tan δ, IR : initial spec.
From 10㎐ to 55㎐ (return : 1min.)
2hours × 3 direction (x, y, z)
Moisture
Capacitance change :
within ±12.5%
With rated voltage
Resistance
Tan δ : 0.125 max
40±2℃, 90~95%RH, 500+12/-0hrs
IR :
12.5㏁·㎌ or Over
High Temperature
Capacitance change :
within ±12.5%
With
of the rated voltage
Resistance
Tan δ : 0.125 max
Max. operating temperature
IR :
25㏁·㎌ or Over
1000+48/-0hrs
Temperature
Capacitance change :
within ±7.5%
1 cycle condition
Cycling
Tan δ, IR : initial spec.
Min. operating temperature →
25℃
Max. operating temperature
25℃
5 cycle test
C. Recommended Soldering method :
Reflow ( Reflow Peak Temperature : 260+0/-5℃, 10sec. Max )
* For the more detail Specification, Please refer to the Samsung MLCC catalogue.
Performance
Test condition
100%


Similar Part No. - CL21A476MQYNNNE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results

Similar Description - CL21A476MQYNNNE

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
CL31B105KCHSNNE SAMSUNG-CL31B105KCHSNNE Datasheet
152Kb / 2P
   SPECIFICATION
logo
Fuji Electric
PH967C6 FUJI-PH967C6 Datasheet
136Kb / 12P
   SPECIFICATION
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com