Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM10K252 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # CIM10K252
Description  Chip Bead For EMI Suppression
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM10K252 Datasheet(HTML) 1 Page - Samsung semiconductor

  CIM10K252 Datasheet HTML 1Page - Samsung semiconductor CIM10K252 Datasheet HTML 2Page - Samsung semiconductor CIM10K252 Datasheet HTML 3Page - Samsung semiconductor CIM10K252 Datasheet HTML 4Page - Samsung semiconductor CIM10K252 Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
201208
FEATURES
APPLICATION
High frequency EMI prevention application to computers, printers,
VCRs, TVs and mobile phones.
DIMENSION
Type
Dimension [mm]
L
W
t
d
10
1.6±0.15 0.8±0.15 0.8±0.15
0.3±0.2
DESCRIPTION
RECOMMENDED LAND PATTERN
CIB/CIM10 Series (1608/ EIA 0603)
 Perfect shape for automatic mounting, with no directionality.
 Excellent solderability and high heat resistance for either flow or
reflow soldering
 Monolithic inorganic material construction for high reliability
 Closed magnetic circuit configuration avoids crosstalk and is
suitable for high density PCBs.
Part no.
Thickness
(mm)
Impedance
(
Ω)±25%@100MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIB10P100
0.8±0.15
10
0.05
1000
CIB10P220
0.8±0.15
22
0.05
1500
CIB10P260
0.8±0.15
26
0.08
1000
CIB10P300
0.8±0.15
30
0.08
1000
CIB10P330
0.8±0.15
33
0.08
1000
CIM10U800
0.8±0.15
80
0.10
600
CIM10U121
0.8±0.15
120
0.15
500
CIM10U221
0.8±0.15
220
0.25
400
CIM10U241
0.8±0.15
240
0.25
400
CIM10U301
0.8±0.15
300
0.30
400
CIM10U471
0.8±0.15
470
0.35
300
CIM10U601
0.8±0.15
600
0.38
500
CIM10U102
0.8±0.15
1000
0.50
400
CIM10U202
0.8±0.15
2000(at 70MHz)
1.20
200
CIB10J300
0.8±0.15
30
0.10
1000
CIM10J400
0.8±0.15
40
0.12
600
CIM10J470
0.8±0.15
47
0.12
600
CIM10J600
0.8±0.15
60
0.12
600
CIM10J750
0.8±0.15
75
0.15
550
CIM10J800
0.8±0.15
80
0.15
550
CIM10J121
0.8±0.15
120
0.20
500
CIM10J151
0.8±0.15
150
0.20
400
CIM10J221
0.8±0.15
220
0.30
400
CIM10J241
0.8±0.15
240
0.30
400
Chip Bead For EMI Suppression
0.6~0.8mm
0.6~0.8mm
0.6~0.8mm
0.6~0.8mm


Similar Part No. - CIM10K252

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM10J301NC SAMSUNG-CIM10J301NC Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
More results

Similar Description - CIM10K252

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIB21P260NE SAMSUNG-CIB21P260NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM31U601NE SAMSUNG-CIM31U601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series For EMI Suppression
CIB32P600NE SAMSUNG-CIB32P600NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM10J301NC SAMSUNG-CIM10J301NC Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
74279203 WURTH-74279203 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279205 WURTH-74279205 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74270033 WURTH-74270033 Datasheet
408Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270034 WURTH-74270034 Datasheet
415Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270054 WURTH-74270054 Datasheet
400Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com