Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL10C470JB8NNNC Datasheet(PDF) 10 Page - Samsung semiconductor

Part # CL10C470JB8NNNC
Description  General Multilayer Ceramic Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10C470JB8NNNC Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button CL10C470JB8NNNC Datasheet HTML 6Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 7Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 8Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 9Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 10Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 11Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 12Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 13Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NO
ITEM
PERFORMANCE
TEST CONDITION
15
High
Temperature
Resistance
Appearance
No mechanical damage shall occur.
Applied Voltage : 200%* of the rated voltage
Temperature : max. operating temperature
Duration Time : 1000 +48/-0 Hr.
Charge/Discharge Current : 50㎃ max.
* refer to table(3) : 150%/100% of the rated
voltage
Perform the initial measurement according to
Note1 for Class
Perform the final measurement according to
Note2.
Capacitance
Characteristics
Capacitance Change
Class Ⅰ
Within ±3% or ±0.3㎊,
Whichever is larger
Class Ⅱ
A(X5R)/
B(X7R)
Within ±12.5%
X(X6S)
Within ±25%
F(Y5V)
Within ±30%
Within ±30%
Q
(Class Ⅰ)
Capacitance ≥30㎊ :Q ≥ 350
10≤ Capacitance <30 ㎊ :Q ≥ 275 + 2.5×C
Capacitance < 10㎊ :Q ≥ 200 +10×C (C: Capacitance)
Tanδ
(Class Ⅱ)
1. Characteristic : A(X5R),
B(X7R)
0.05max
(16V and over)
0.075max (10V)
0.075max
(6.3V except Table 1)
0.125max*
(refer to Table 1)
2. Characteristic : F(Y5V)
0.075max
(25V and over)
0.1max(16V, C<1.0㎌)
0.125max(16V, C≥1.0㎌)
0.15max (10V)
0.195max (6.3V)
X(X6S) 0.11max (6.3V and below)
Insulation
Resistance
1,000 ㏁ or 50㏁·㎌ whichever is smaller.
16
Temperature
Cycle
Appearance
No mechanical damage shall occur.
Capacitor shall be subjected to 5 cycles.
Condition for 1 cycle :
Step
Temp.(℃)
Time(min.)
1
Min. operating
temp.+0/-3
30
225
2~3
3
Max. operating
temp.+3/-0
30
425
2~3
Leave the capacitor in ambient condition
for specified time* before measurement
* 24± 2hours (Class Ⅰ)
24 ± 2 hours (Class Ⅱ)
Capacitance
Characteristics
Capacitance Change
Class Ⅰ
Within ±2.5% or ±0.25㎊
Whichever is larger
Class
A(X5R)/
B(X7R)/
Within ±7.5%
X(X6S)
Within ±15%
F(Y5V)
Within ±20%
Q
(Class Ⅰ)
Within the specified initial value
Tanδ
(Class Ⅱ)
Within the specified initial value
Insulation
Resistance
Within the specified initial value
RELIABILTY TEST CONDITION


Similar Part No. - CL10C470JB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10C470JB8NNN SAMSUNG-CL10C470JB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
More results

Similar Description - CL10C470JB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10B474KO8NNNC SAMSUNG-CL10B474KO8NNNC Datasheet
375Kb / 21P
   General Multilayer Ceramic Capacitors
CL31B475KAHNNNE SAMSUNG-CL31B475KAHNNNE Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
CL05B104KQ5NNNC SAMSUNG-CL05B104KQ5NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
CL10C080DB8NNNC SAMSUNG-CL10C080DB8NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Panasonic Semiconductor
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H060D PANASONIC-ECJ-1VC1H060D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H030C PANASONIC-ECJ-2VC1H030C Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EB1A104K PANASONIC-ECJ-0EB1A104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VF1H104Z PANASONIC-ECJ-2VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com