Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIH03T3N9J Datasheet(PDF) 3 Page - Samsung semiconductor

Part # CIH03T3N9J
Description  Chip Inductor CIH Series High Frequency Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIH03T3N9J Datasheet(HTML) 3 Page - Samsung semiconductor

  CIH03T3N9J Datasheet HTML 1Page - Samsung semiconductor CIH03T3N9J Datasheet HTML 2Page - Samsung semiconductor CIH03T3N9J Datasheet HTML 3Page - Samsung semiconductor CIH03T3N9J Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No.
Inductance
(nH)
@100MHz
Q (typical.)
Q
(Min)
100Mhz 500MHz 800MHz 1.8GHz
2.0GHz 2.4GHz
DC
resistance
(
Ω) Max.
Rated
current
(mA) Max.
SRF
(MHz)
Min.
CIH 05T 1N0 S
CIH 05T 1N2 S
CIH 05T 1N5 S
CIH 05T 1N8 S
CIH 05T 2N2 S
CIH 05T 2N4 S
CIH 05T 2N7 S
CIH 05T 3N0S
CIH 05T 3N3S
CIH 05T 3N6S
CIH 05T 3N9S
CIH 05T 4N7
CIH 05T 5N1S
CIH 05T 5N6S
CIH 05T 6N8J
CIH 05T 7N5
CIH 05T 8N2J
CIH 05T 10NJ
CIH 05T 12NJ
CIH 05T 15NJ
CIH 05T 18NJ
CIH 05T 22NJ
CIH 05T 27NJ
CIH 05T 33NJ
CIH 05T 39NJ
CIH 05T 47NJ
CIH 05T 56NJ
CIH 05T 68NJ
CIH 05T 82NJ
CIH 05T R10J
1.0
±0.3nH
1.2
±0.3nH
1.5
±0.3nH
1.8
±0.3nH
2.2
±0.3nH
2.4
±0.3nH
2.7
±0.3nH
3.0
±10%, 0.3nH
3.3
±10%, 0.3nH
3.6
±10%, 0.3nH
3.9
±10%, 0.3nH
4.7
±10%, 0.3nH
5.1
±10%, 0.3nH
5.6
±10%, 0.3nH
6.8
±5%, 10%
7.5
±5%, 10%
8.2
±5%, 10%
10.0
±5%, 10%
12.0
±5%, 10%
15.0
±5%, 10%
18.0
±5%, 10%
22.0
±5%, 10%
27.0
±5%, 10%
33.0
±5%, 10%
39.0
±5%, 10%
47.0
±5%, 10%
56.0
±5%, 10%
68.0
±5%, 10%
82.0
±5%, 10%
100.0
±5%, 10%
23
23
23
20
22
22
22
24
24
24
22
23
22
22
22
22
22
22
22
22
23
22
20
20
20
19
19
17
16
15
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
29
29
29
26
27
27
27
30
30
30
28
30
28
28
28
28
28
28
28
28
28
27
23
23
21
20
18
15
11
9
48
48
47
41
44
44
43
46
46
46
43
45
42
42
40
38
38
37
33
29
26
21
10
3
-
-
-
-
-
-
50
50
50
43
47
47
45
48
48
48
45
47
43
43
41
38
38
36
31
26
22
14
3
-
-
-
-
-
-
-
56
56
56
49
52
52
50
53
53
53
50
50
45
45
41
36
36
31
23
17
11
2
-
-
-
-
-
-
-
-
10000
10000
6000
6000
6000
6000
6000
6000
6000
6000
4000
4000
4000
4000
3900
3600
3600
3200
2700
2300
2100
1900
1600
1300
1200
1000
750
750
600
600
0.12
0.12
0.13
0.14
0.16
0.16
0.17
0.19
0.19
0.19
0.22
0.24
0.27
0.27
0.32
0.37
0.37
0.42
0.50
0.55
0.65
0.80
0.90
1.00
1.20
1.30
1.40
1.40
1.60
1.60
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
250
250
250
250
200
200
180
180
150
130
: Tolerance (S : ±0.3nH, J : ±5%, K:±10%)
Test equipment : Agilent 4291B+16192A
CIH 1005(0402) Type


Similar Part No. - CIH03T3N9J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH03T3N9J SAMSUNG-CIH03T3N9J Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH03T3N9J SAMSUNG-CIH03T3N9J Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH03T3N9J SAMSUNG-CIH03T3N9J Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
More results

Similar Description - CIH03T3N9J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH10T22NJNC SAMSUNG-CIH10T22NJNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH10T82NJNC SAMSUNG-CIH10T82NJNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH05T6N8JNC SAMSUNG-CIH05T6N8JNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH10T6N8JNC SAMSUNG-CIH10T6N8JNC Datasheet
753Kb / 4P
   Chip Inductor; CIH Series
CIH05TR10JNC SAMSUNG-CIH05TR10JNC Datasheet
753Kb / 4P
   Chip Inductor; CIH Series
logo
TAI-TECH Advanced Elect...
SWI0603F TAI-TECH-SWI0603F Datasheet
162Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC63I TAI-TECH-SWC63I Datasheet
87Kb / 2P
   High Frequency Winding Type Chip Inductor
SWI0805F TAI-TECH-SWI0805F Datasheet
164Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC85I TAI-TECH-SWC85I Datasheet
82Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC108I TAI-TECH-SWC108I Datasheet
81Kb / 2P
   High Frequency Winding Type Chip Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com