Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 1K Byte Flash
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89 Datasheet HTML 1Page - ATMEL Corporation AT89 Datasheet HTML 2Page - ATMEL Corporation AT89 Datasheet HTML 3Page - ATMEL Corporation AT89 Datasheet HTML 4Page - ATMEL Corporation AT89 Datasheet HTML 5Page - ATMEL Corporation AT89 Datasheet HTML 6Page - ATMEL Corporation AT89 Datasheet HTML 7Page - ATMEL Corporation AT89 Datasheet HTML 8Page - ATMEL Corporation AT89 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AT89C1051
4-5
Pin Description
VCC
Supply voltage.
GND
Ground.
Port 1
Port 1 is an 8-bit bidirectional I/O port. Port pins P1.2 to
P1.7 provide internal pullups. P1.0 and P1.1 require exter-
nal pullups. P1.0 and P1.1 also serve as the positive input
(AIN0) and the negative input (AIN1), respectively, of the
on-chip precision analog comparator. The Port 1 output
buffers can sink 20 mA and can drive LED displays directly.
When 1s are written to Port 1 pins, they can be used as
inputs. When pins P1.2 to P1.7 are used as inputs and are
externally pulled low, they will source current (IIL) because
of the internal pullups.
Port 1 also receives code data during Flash programming
and verification.
Port 3
Port 3 pins P3.0 to P3.5, P3.7 are seven bidirectional I/O
pins with internal pullups. P3.6 is hard-wired as an input to
the output of the on-chip comparator and is not accessible
as a general purpose I/O pin. The Port 3 output buffers can
sink 20 mA. When 1s are written to Port 3 pins they are
pulled high by the internal pullups and can be used as
inputs. As inputs, Port 3 pins that are externally being
pulled low will source current (IIL) because of the pullups.
Port 3 also serves the functions of various special features
of the AT89C1051 as listed below:
Port 3 also receives some control signals for Flash pro-
gramming and verification.
RST
Reset input. All I/O pins are reset to 1s as soon as RST
goes high. Holding the RST pin high for two machine cycles
while the oscillator is running resets the device.
Each machine cycle takes 12 oscillator or clock cycles.
XTAL1
Input to the inverting oscillator amplifier and input to the
internal clock operating circuit.
XTAL2
Output from the inverting oscillator amplifier.
Oscillator Characteristics
XTAL1 and XTAL2 are the input and output, respectively,
of an inverting amplifier which can be configured for use as
an on-chip oscillator, as shown in Figure 1. Either a quartz
crystal or ceramic resonator may be used. To drive the
device from an external clock source, XTAL2 should be left
unconnected while XTAL1 is driven as shown in Figure 2.
There are no requirements on the duty cycle of the external
clock signal, since the input to the internal clocking circuitry
is through a divide-by-two flip-flop, but minimum and maxi-
mum voltage high and low time specifications must be
observed.
Figure 1. Oscillator Connections
Note:
C1, C2 = 30 pF
± 10 pF for Crystals
= 40 pF
± 10 pF for Ceramic Resonators
Figure 2. External Clock Drive Configuration
Port Pin
Alternate Functions
P3.2
P3.3
P3.4
INT0 (external interrupt 0)
INT1 (external interrupt 1)
T0 (timer 0 external input)


Similar Part No. - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89 ATMEL-AT89 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89 ATMEL-AT89 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
AT89 ATMEL-AT89 Datasheet
474Kb / 41P
   8-Bit Microcontroller with 8K Bytes Flash
AT892051 ATMEL-AT892051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
logo
List of Unclassifed Man...
AT89C1051 ETC2-AT89C1051 Datasheet
501Kb / 26P
   State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
More results

Similar Description - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
   Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com