Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIH05T6N8S Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CIH05T6N8S
Description  Multilayer High Frequency inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIH05T6N8S Datasheet(HTML) 2 Page - Samsung semiconductor

  CIH05T6N8S Datasheet HTML 1Page - Samsung semiconductor CIH05T6N8S Datasheet HTML 2Page - Samsung semiconductor CIH05T6N8S Datasheet HTML 3Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver 201207
Part No.
Inductance
(nH)
@100MHz
Q
(min)
100MHz
Q(typical.)
SRF
(MHz)
Min
DC resistance
(Ω) Max.
Rated
current
(mA) Max.
500
MHz
800
MHz
1.8GHz 2.0GHz 2.4GHz
CIH05T12N□
12.0±5%, 10%
8
22
28
33
31
23
2700
0.50
300
CIH05T15N□
15.0±5%, 10%
8
22
28
29
26
17
2300
0.55
300
CIH05T18N□
18.0±5%, 10%
8
23
28
26
22
11
2100
0.65
250
CIH05T22N□
22.0±5%, 10%
8
22
27
21
14
2
1900
0.80
250
CIH05T27N□
27.0±5%, 10%
8
20
23
10
3
-
1600
0.90
250
CIH05T33N□
33.0±5%, 10%
8
20
23
3
-
-
1300
1.00
250
CIH05T39N□
39.0±5%, 10%
8
20
21
-
-
-
1200
1.20
200
CIH05T47N□
47.0±5%, 10%
8
19
20
-
-
-
1000
1.30
200
CIH05T56N□
56.0±5%, 10%
8
19
18
-
-
-
750
1.40
180
CIH05T68N□
68.0±5%, 10%
8
17
15
-
-
-
750
1.40
180
CIH05T82N□
82.0±5%, 10%
8
16
11
-
-
-
600
1.60
150
CIH05TR10□
100.0±5%, 10%
8
15
9
-
-
-
600
1.60
130
*Operating temperature range –55 to +125°C
CI
H05T10NJNC
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(1) Chip Inductor
(2) H:High frequency type
(3) Dimension
(4) Material code(T:Dielectric material)
(5) Inductance(4N7:4.7nH, 10N:10nH, R10:100nH)
(6) Tolerance(C:±0.2nH, S:±0.3nH, J:±5%, K:±10%)
(7) Thickness option(N:Standard, A:Thinner than standard, B:Thicker than standard)
(8) Packaging(C:paper tape, E:embossed tape)
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
FLOW SOLDERING
PRODUCT IDENTIFICATION
※Tolerance (C :±0.2nH, S:±0.3nH, J :±5%, K :±10%)
※Measurement equipment & Jig: Agilent E4991A+16192A or Equivalent
※ The Rated Current is either the DC value at witch the internal Ls value is decreased within 5%
with the application
of DC_Current, or the value of current at which the temperature of the element is increased within 20℃
(Reference ambient temperature:20℃)


Similar Part No. - CIH05T6N8S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH05T6N8J SAMSUNG-CIH05T6N8J Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH05T6N8JNC SAMSUNG-CIH05T6N8JNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
More results

Similar Description - CIH05T6N8S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1005 ETC2-LSMH-1005 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HK10053N9J TAIYO-YUDEN-HK10053N9J Datasheet
107Kb / 2P
   MULTILAYER CHIP INDUCTOR FOR HIGH FREQUENCY HK SERIES
logo
Murata Manufacturing Co...
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HN1N0S02D MURATA-LQG15HN1N0S02D Datasheet
51Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com