Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84115502 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 84115502
Description  DIN-Rail Mountable Single Point Input Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84115502 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  84115502 Datasheet HTML 1Page - List of Unclassifed Manufacturers 84115502 Datasheet HTML 2Page - List of Unclassifed Manufacturers 84115502 Datasheet HTML 3Page - List of Unclassifed Manufacturers 84115502 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
17.5mm INPUT MODULES
• DIN-Rail Mountable Single Point Input Modules
• AC Inputs (Yellow Top), DC Inputs (White Top)
• UL, cUL Recognized, CE Compliant
• 4kV Optical isolation
• Input and Output Barrier Strips Accept 14 to 28
AWG Wire
• Open-Collector Output, with LED Status Indicator
SPECIFICATIONS (1)
Input
Part Number
84115501
84115502
84115503
Voltage Range
90-140 VAC/DC
180-280 VAC/DC
4-32 VDC
Maximum Current [mA](2)
7
2
27
Minimum Current [mA](2)
28 k
75 k
28 k
Drop-out Current [mA](3)
3
1
1
Voltage for No Output (4)
50 VAC/DC
50 VAC/DC
2.2 VDC
Allowable Current [mA] (4)
2.5
0.7
1
Output
Logic Supply Voltage Range [VDC]
4.5 to 30
4.5 to 30
4.5 to 30
Maximum Logic Supply Voltage [VDC]
30
30
30
Maximum Logic Supply Current [mA](5)
32
32
32
Maximum Supply Idle Current (5)
7
7
7
Maximum Current [mA](6)
50
50
50
Maximum Logic Leakage Current [µA]
10.0
10.0
10.0
Maximum Voltage Drop [VDC]
0.2
0.2
0.2
Maximum Turn-On Time [msec] (7)
20
20
20
Maximum Turn-Off Time [msec] (7)
30
30
30
GENERAL SPECIFICATIONS
Description
Input/Output Isolation Voltage (8)
4000
Input/Output Capacitance
8
Operating Temperature Range
-30 to 80°C
Storage Temperature Range
-40 to 100°C
Line Frequency Range
47 to 63
Weight
1.1 oz. (31.2g)
GENER AL NOTES:
(1) Specif icat ions apply t o an ambient temperature of -30 to 80 °C unless ot herwise noted.
(2) Measured at maximum specifi ed input voltage, 25° C.
(3) Defined as the maximum current allowed through the module's input t o guarantee t hat
the out put will switch f rom "on" t o "of f". Higher current s may result in t he output remaining
i n the "on" s tate.
(4) Defined as the maximum current allowed through the module's input t hat will not switc h
the module's output state f rom "off : t o "on".
(5) At maximum specified logic voltage and 25° C.
(6) Maximum allowable sink ing c urrent through the open c ollector out put transistor.
(7) At 15 VDC logic, 30 VDC output, 50 mA, 25° C and nominal input voltage.
(8) At 25°C for 1 second maximum durat ion.


Similar Part No. - 84115502

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
84115010C WINCHESTER-84115010C Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
84115010D WINCHESTER-84115010D Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
84115010H WINCHESTER-84115010H Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
84115011C WINCHESTER-84115011C Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
84115011D WINCHESTER-84115011D Datasheet
311Kb / 2P
   REVISED & REDRAWN PER ER8145
More results

Similar Description - 84115502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR-IAC5 ETC2-DR-IAC5 Datasheet
550Kb / 4P
   DIN-Rail Mountable Single Point Input Modules
DR-OAC ETC2-DR-OAC Datasheet
552Kb / 4P
   DIN-Rail Mountable Single Point Output Modules
84130105 ETC2-84130105 Datasheet
533Kb / 4P
   DIN-Rail Mountable Single Point Output Modules (35mm DIN)
logo
TDK Electronics
NES240-24 TDK-NES240-24 Datasheet
259Kb / 3P
   DIN rail mountable
logo
Chinfa Electronics Ind....
VRH100-12 CHINFA-VRH100-12_10 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
logo
Weidmuller
6720005430 WEIDMULLER-6720005430 Datasheet
902Kb / 6P
   AC Outlet DIN-Rail Mountable Receptacles
logo
Chinfa Electronics Ind....
DRP20 CHINFA-DRP20 Datasheet
299Kb / 3P
   20A DIN RAIL MOUNTABLE REDUNDANT MODULE
DRP10 CHINFA-DRP10 Datasheet
156Kb / 3P
   10A DIN RAIL MOUNTABLE REDUNDANT MODULE
logo
DENSEI-LAMBDA
NES120 LAMBDA-NES120 Datasheet
674Kb / 3P
   DIN rail mountable type 30 ~ 240W
logo
Powerbox
PBDRP10 POWERBOX-PBDRP10 Datasheet
44Kb / 1P
   10A REDUNDANT MODULE DIN RAIL MOUNTABLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com