Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C1051-12PA Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C1051-12PA
Description  8-Bit Microcontroller with 1K Byte Flash
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C1051-12PA Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C1051-12PA Datasheet HTML 4Page - ATMEL Corporation AT89C1051-12PA Datasheet HTML 5Page - ATMEL Corporation AT89C1051-12PA Datasheet HTML 6Page - ATMEL Corporation AT89C1051-12PA Datasheet HTML 7Page - ATMEL Corporation AT89C1051-12PA Datasheet HTML 8Page - ATMEL Corporation AT89C1051-12PA Datasheet HTML 9Page - ATMEL Corporation AT89C1051-12PA Datasheet HTML 10Page - ATMEL Corporation AT89C1051-12PA Datasheet HTML 11Page - ATMEL Corporation AT89C1051-12PA Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AT89C1051
4-10
Flash Programming and Verification Characteristics
TA = 0°C to 70°C, VCC = 5.0 ± 10%
Note:
Only used in 12-volt programming mode.
Flash Programming and Verification Waveforms
Symbol
Parameter
Min
Max
Units
VPP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
250
µA
tDVGL
Data Setup to PROG Low
1.0
µs
tGHDX
Data Hold After PROG
1.0
µs
tEHSH
P3.4 (ENABLE) High to VPP
1.0
µs
tSHGL
VPP Setup to PROG Low
10
µs
tGHSL
VPP Hold After PROG
10
µs
tGLGH
PROG Width
1
110
µs
tELQV
ENABLE Low to Data Valid
1.0
µs
tEHQZ
Data Float After ENABLE
01.0
µs
tGHBL
PROG High to BUSY Low
50
ns
tWC
Byte Write Cycle Time
2.0
ms
tBHIH
RDY/BSY to Increment Clock Delay
1.0
µs
tIHIL
Increment Clock High
200
ns


Similar Part No. - AT89C1051-12PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT89C1051 ETC2-AT89C1051 Datasheet
501Kb / 26P
   State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
ATMEL Corporation
AT89C1051U ATMEL-AT89C1051U Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
AT89C1051U ATMEL-AT89C1051U Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U-12PA ATMEL-AT89C1051U-12PA Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
AT89C1051U-12PC ATMEL-AT89C1051U-12PC Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
More results

Similar Description - AT89C1051-12PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
   Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com