Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIG22L1R0MNE Datasheet(PDF) 31 Page - Samsung semiconductor

Part # CIG22L1R0MNE
Description  MULTILAYER CHIP COMPONENTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIG22L1R0MNE Datasheet(HTML) 31 Page - Samsung semiconductor

Back Button CIG22L1R0MNE Datasheet HTML 23Page - Samsung semiconductor CIG22L1R0MNE Datasheet HTML 24Page - Samsung semiconductor CIG22L1R0MNE Datasheet HTML 25Page - Samsung semiconductor CIG22L1R0MNE Datasheet HTML 26Page - Samsung semiconductor CIG22L1R0MNE Datasheet HTML 27Page - Samsung semiconductor CIG22L1R0MNE Datasheet HTML 28Page - Samsung semiconductor CIG22L1R0MNE Datasheet HTML 29Page - Samsung semiconductor CIG22L1R0MNE Datasheet HTML 30Page - Samsung semiconductor CIG22L1R0MNE Datasheet HTML 31Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Products in this catalog are recommended using general purpose.
For using special purpose like Military, Medical, Aviation, Automobile device should be following a special specification.
70
71
60
61
Type
P1
P2
P0
D0
B
A
T
0.3
T
E
F
W
Card board
Embossed
21
22
Tape
t max
W
F
E
P1
P2
P0
D0
Chip
Thickness
Chip
Cavity
Quantity
/ Reel
(PCS)
A
B
1.0
1.5
±0.2
2.3
±0.2
2.0
8
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
3,000
0.85
1.5
±0.2
2.3
±0.2
1.5
8
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
4,000
Embossed
10
Card
0.8
1.0
±0.2
1.8
±0.2
1.1
8
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
4,000
05
03
Card
0.5
0.65
±0.1
1.15
±0.1
0.8
8
±0.2
3.5
±0.05
1.75
±0.1
2
±0.05
2
±0.1
4.0
±0.1
Φ1.5
±0.1
10,000
Card
0.3
0.40
±0.06
0.70
±0.06
0.45
8
±0.2
3.5
±0.05
1.75
±0.1
2
±0.05
2
±0.1
4.0
±0.1
Φ1.5
±0.1
10,000
32
1.3
2.9
±0.2
3.6
±0.2
1.55
8
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
2,500
Unit: mm
1.25
1.5
±0.2
2.3
±0.2
2.0
8
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
2,000
0.85
1.45
±0.1
2.4
±0.2
0.95
±0.1
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
2.0
±0.1
4.0
±0.1
Φ1.5
±0.1
/-0
4,000
31
0.6
1.9
±0.2
3.6
±0.2
1.15
8
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
4,000
1.2
2.39
±0.10
2.79
±0.10
1.80
±0.10
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
2.0
±0.05
4.0
±0.1
Φ1.5
±0.1
2,000
Embossed
Embossed
Card
Card
Embossed
0.8
1.9
±0.2
3.6
±0.2
1.4
8
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
3,000
1.1
1.9
±0.2
3.6
±0.2
1.4
8
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
3,000
0.85
2.0
±0.2
3.6
±0.2
1.1
8
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
/-0
4,000
41
1.6
(1.2)
1.9
±0.2
4.9
±0.2
1.8
12
±0.2
5.5
±0.05
1.75
±0.1
8.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
2,000
(3,000)
Embossed
43
1.5
3.5
±0.2
4.9
±0.2
1.78
12
±0.2
5.5
±0.05
1.75
±0.1
8.0
±0.1
2
±0.1
4.0
±0.1
Φ1.5
±0.1
1,000
Embossed
Reel dimensions
Unit: mm
A
B
C
D
Symbol
7" Reel
13" Reel
Ø180+0/-3
Ø330±2.0
Ø60+1/-0
Ø80±1.0
Ø13±0.3
Ø13±0.3
25
±0.5
25
±0.5
E
W
t
R
Symbol
7" Reel
13" Reel
2.0
±0.5
2.0
±0.5
9
±0.5
9
±0.5
1.2
±0.2
2.2
±0.2
1.0
1.0
E
ØC
R
ØA
ØD
W
t
ØB
Packaging


Similar Part No. - CIG22L1R0MNE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIG22H2R2MNE SAMSUNG-CIG22H2R2MNE Datasheet
834Kb / 6P
   Power Inductor; CIG Series
More results

Similar Description - CIG22L1R0MNE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD21920MDP1A048 MURATA-LFD21920MDP1A048 Datasheet
52Kb / 2P
   Microwave Components Chip Multilayer Diplexers
logo
AVX Corporation
08055A561JAT2A AVX-08055A561JAT2A Datasheet
115Kb / 4P
   Packaging of Chip Components
logo
Allied Components Inter...
MLC10-R022M-RC ALLIED-MLC10-R022M-RC Datasheet
365Kb / 1P
   Multilayer Chip Inductors
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
Taiyo Yuden (U.S.A.), I...
CK1608100M-T TAIYO-YUDEN-CK1608100M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CKS21251R0M-T TAIYO-YUDEN-CKS21251R0M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R22M-T TAIYO-YUDEN-CK2125R22M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21254R7M-T TAIYO-YUDEN-CK21254R7M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com