Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

015060 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 015060
Description  Industrial Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

015060 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  015060 Datasheet HTML 1Page - List of Unclassifed Manufacturers 015060 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
congatec AG, Auwiesenstraße 5, 94469 Deggendorf, Germany
Phone +49 (991) 2700-0, Fax +49 (991) 2700-111, info@congatec.com
www
.congatec.com
w w w.congatec.com
Formfactor
Qseven Form Factor, 70x70 mm
CPU
Intel® Atom™ processor E6xx series with 1,6 GHz, 1.3 GHz, 1.0 GHz and 600 MHz
Intel® Atom™ E680T / E680, 1.6 GHz (45 nm process, 512kb L2 cache, TDP 3.9 W)
Intel® Atom™ E660T / E660, 1.3 GHz (45 nm process, 512kb L2 cache, TDP 3.3W
Intel® Atom™ E640T / E640, 1.0 GHz (45 nm process, 512kb L2 cache, TDP 3.3W)
Intel® Atom™ E620T / E620, 600 MHz (45 nm process, 512kb L2 cache, TDP 2.7W)
DRAM
Up to 2 GByte onboard DDR2 memory with 667/800 MT/s
Chipset
Intel® Platform Controller Hub EG20
Ethernet
Micrel® Gbit Ethernet Phy KSZ9021RN
I/O Interfaces
6x USB 2.0, 2x SATA (AHCI only), 1x SDIO, 3x PCIe, I²C Bus, 1x USB client, LPC bus, CAN Bus
Mass Storage
Onboard SATA Solid State Drive up to 32 GByte (optional)
Sound
Intel® High Definition Audio (Intel® HD Audio)
Graphics
Intel® Graphics Core with 2D and 3D hardware Accelerator and dual independet display support.
Video Decode Acceleration
Full hardware acceleration for MPEG2, MPEG4, H.264, WMV9 and VC1
Motion Video Support
Single channel 80MHz LVDS transmitter, support for flat panels with 1x18 and 1x24 bit data mapping
up to a resolution of 1280x768@60Hz.
Single channel 160MHz SDVO interface, supports resolutions up to 1920x1080@60Hz and 1280x1024@85Hz.
Dual independent display support
congatec Board Controller
Multi Stage Watchdog, non-volatile User Data Storage, Manufacturing and Board information, Board Statistics,
I²C bus (fast mode, 400 kHz, multi-master), Power Loss Control
Embedded BIOS Features
OEM Logo, OEM CMOS Defaults, LCD Control, Display Auto Detection, Backlight Control, Flash Update, based on AMI Aptio UEFI
Power Management
ACPI 3.0 compliant, Smart Battery Management
Operating Systems
Windows® XP, Windows® XP embedded Standard, Windows® CE 6.0, Linux 2.6, QNX 6.x
Power Consumption
Typ. application ~5 Watt @ 5V
Temperature Range
Operating:
0 to +60°C (opt. -40 to +85°C)
Storage:
-20 to +80°C (opt. -40 to +85°C)
Humidity
Operating:
10 to 90% r. H. non cond.
Storage:
5 to 95% r. H. non cond.
Size
70 x 70 mm (2¾" x 2¾")
Extended Temperature Range
-40° .. +85°C
Intel® 3D Graphics
CAN Bus
Industrial Temperature
Qseven™ Module
www
.congatec.com
conga-QA6


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn