Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C2051-12PC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89C2051-12PC
Description  8-Bit Microcontroller with 2K Bytes Flash
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-12PC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89C2051-12PC Datasheet HTML 3Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 4Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 5Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 6Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 7Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 8Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 9Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 10Page - ATMEL Corporation AT89C2051-12PC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
0368G–MICRO–6/05
AT89C2051
9.
Idle Mode
In idle mode, the CPU puts itself to sleep while all the on-chip peripherals remain active. The
mode is invoked by software. The content of the on-chip RAM and all the special functions regis-
ters remain unchanged during this mode. The idle mode can be terminated by any enabled
interrupt or by a hardware reset.
The P1.0 and P1.1 should be set to “0” if no external pull-ups are used, or set to “1” if
external pull-ups are used.
It should be noted that when idle is terminated by a hardware reset, the device normally
resumes program execution, from where it left off, up to two machine cycles before the internal
reset algorithm takes control. On-chip hardware inhibits access to internal RAM in this event, but
access to the port pins is not inhibited. To eliminate the possibility of an unexpected write to a
port pin when Idle is terminated by reset, the instruction following the one that invokes Idle
should not be one that writes to a port pin or to external memory.
10. Power-down Mode
In the power-down mode the oscillator is stopped, and the instruction that invokes power-down
is the last instruction executed. The on-chip RAM and Special Function Registers retain their
values until the power-down mode is terminated. The only exit from power-down is a hardware
reset. Reset redefines the SFRs but does not change the on-chip RAM. The reset should not be
activated before V
CC is restored to its normal operating level and must be held active long
enough to allow the oscillator to restart and stabilize.
The P1.0 and P1.1 should be set to “0” if no external pull-ups are used, or set to “1” if
external pull-ups are used.
11. Programming The Flash
The AT89C2051 is shipped with the 2K bytes of on-chip PEROM code memory array in the
erased state (i.e., contents = FFH) and ready to be programmed. The code memory array is pro-
grammed one byte at a time. Once the array is programmed, to re-program any non-blank byte,
the entire memory array needs to be erased electrically.
Internal Address Counter: The AT89C2051 contains an internal PEROM address counter
which is always reset to 000H on the rising edge of RST and is advanced by applying a positive
going pulse to pin XTAL1.
Programming Algorithm: To program the AT89C2051, the following sequence is
recommended.
1.
Power-up sequence:
Apply power between VCC and GND pins
Set RST and XTAL1 to GND
2.
Set pin RST to “H”
Set pin P3.2 to “H”
3.
Apply the appropriate combination of “H” or “L” logic
levels to pins P3.3, P3.4, P3.5, P3.7 to select one of the programming operations
shown in the PEROM Programming Modes table.


Similar Part No. - AT89C2051-12PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C2051-12PC ATMEL-AT89C2051-12PC Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051-12PC ATMEL-AT89C2051-12PC Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89C2051-12PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com