Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1161A1BMUM Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # ISP1161A1BMUM
Description  As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISP1161A1BMUM Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button ISP1161A1BMUM Datasheet HTML 47Page - List of Unclassifed Manufacturers ISP1161A1BMUM Datasheet HTML 48Page - List of Unclassifed Manufacturers ISP1161A1BMUM Datasheet HTML 49Page - List of Unclassifed Manufacturers ISP1161A1BMUM Datasheet HTML 50Page - List of Unclassifed Manufacturers ISP1161A1BMUM Datasheet HTML 51Page - List of Unclassifed Manufacturers ISP1161A1BMUM Datasheet HTML 52Page - List of Unclassifed Manufacturers ISP1161A1BMUM Datasheet HTML 53Page - List of Unclassifed Manufacturers ISP1161A1BMUM Datasheet HTML 54Page - List of Unclassifed Manufacturers ISP1161A1BMUM Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 137 page
background image
Philips Semiconductors
ISP1161A1
USB single-chip host and device controller
Product data
Rev. 03 — 23 December 2004
50 of 136
9397 750 13961
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Writing a logic 1 to a bit in this register sets the corresponding bit, whereas writing a
logic 0 to a bit in this register leaves the corresponding bit unchanged. On a read, the
current value of this register is returned.
Code (Hex): 04 — read
Code (Hex): 84 — write
Table 16:
HcInterruptEnable register: bit allocation
Bit
31
30
29
28
27
26
25
24
Symbol
MIE
reserved
Reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
23
22
21
20
19
18
17
16
Symbol
reserved
Reset
00H
Access
R/W
Bit
15
14
13
12
11
10
9
8
Symbol
reserved
Reset
00H
Access
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
RHSC
FNO
UE
RD
SF
reserved
SO
Reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 17:
HcInterruptEnable register: bit description
Bit
Symbol
Description
31
MIE
MasterInterruptEnable by the HCD: A logic 0 is ignored by
the HC. A logic 1 enables interrupt generation by events specified
in other bits of this register.
30 to 7
-
reserved
6
RHSC
0 — ignore
1 — enable interrupt generation due to Root Hub Status Change
5
FNO
0 — ignore
1 — enable interrupt generation due to Frame Number Overflow
4UE
0 — ignore
1 — enable interrupt generation due to Unrecoverable Error
3RD
0 — ignore
1 — enable interrupt generation due to Resume Detect
2SF
0 — ignore
1 — enable interrupt generation due to Start of Frame
1
-
reserved
0SO
0 — ignore
1 — enable interrupt generation due to Scheduling Overrun


Similar Part No. - ISP1161A1BMUM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A1BM PHILIPS-ISP1161A1BM Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
More results

Similar Description - ISP1161A1BMUM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC800 NXP-LPC800 Datasheet
5Mb / 24P
   NXP LPC microcontrollers
November 2012
logo
Advanced Thermal Soluti...
ATS-59010-C1-R0 ATS-ATS-59010-C1-R0_17 Datasheet
59Kb / 1P
   Designed for flip-chip processors such as NXP MPCs
Rev - 230517
ATS-59001-C1-R0 ATS-ATS-59001-C1-R0_17 Datasheet
133Kb / 1P
   Designed for flip-chip processors such as NXP MPCs
Rev - 230517
ATS-59000-C1-R0 ATS-ATS-59000-C1-R0_17 Datasheet
343Kb / 1P
   Designed for flip-chip processors such as NXP MPCs
Rev - 230517
logo
NXP Semiconductors
PCF8885TS PHILIPS-PCF8885TS Datasheet
1Mb / 2P
   NXP capacitive proximity switches
April 2014
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advanced Thermal Soluti...
ATS-59003-C1-R0 ATS-ATS-59003-C1-R0_17 Datasheet
137Kb / 1P
   Designed for flip-chip processors such as NXP MPCs
Rev - 230517
ATS-59008-C1-R0 ATS-ATS-59008-C1-R0_17 Datasheet
330Kb / 1P
   Designed for flip-chip processors such as NXP MPCs
Rev - 230517
logo
NXP Semiconductors
AN10808 NXP-AN10808 Datasheet
99Kb / 17P
   Thermal consideration of NXP FlatPower MEGA Schottky
Rev. 2-12 February 2013
logo
DFI Inc
F8700 DFI-F8700 Datasheet
661Kb / 2P
   NXP i.MX8X Series Qseven
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com